Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16035LLB31+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16035LLB31+
Description  Low-Power Battery Backup Circuits in Small μDFN Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16035LLB31+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16035LLB31+ Datasheet HTML 1Page - Maxim Integrated Products MAX16035LLB31+ Datasheet HTML 2Page - Maxim Integrated Products MAX16035LLB31+ Datasheet HTML 3Page - Maxim Integrated Products MAX16035LLB31+ Datasheet HTML 4Page - Maxim Integrated Products MAX16035LLB31+ Datasheet HTML 5Page - Maxim Integrated Products MAX16035LLB31+ Datasheet HTML 6Page - Maxim Integrated Products MAX16035LLB31+ Datasheet HTML 7Page - Maxim Integrated Products MAX16035LLB31+ Datasheet HTML 8Page - Maxim Integrated Products MAX16035LLB31+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Low-Power Battery Backup
Circuits in Small µDFN Packages
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.25V to 5.5V, VBATT = 3V, RESET not asserted, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA =
+25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltages (with respect to GND)
VCC, BATT, OUT .......................................................-0.3V to +6V
RESET (open drain), PFO (open drain) ....................-0.3V to +6V
RESET (push-pull), PFO (push-pull), BATTON, RESETIN, WDI
MR, CEIN, CEOUT, PFI ............................-0.3V to (VOUT + 0.3V)
Input Current
VCC Peak..............................................................................1A
VCC Continuous ............................................................250mA
BATT Peak ....................................................................250mA
BATT Continuous ............................................................40mA
GND ................................................................................75mA
Output Current
OUT ..................................Short-Circuit Protected for up to 5s
RESET, BATTON .............................................................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µDFN (derate 4.8mW/°C above +70°C) ..........380.6mW
10-Pin µDFN (derate 5mW/°C above +70°C) ...........402.8mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC, VBATT No load (Note 2)
0
5.5
V
VCC = 2.8V
13
30
VCC = 3.6V
16
35
Supply Current
ICC
No load, VCC > VTH
VCC = 5.5V
22
50
µA
TA = +25°C
1
Supply Current in Battery
Backup Mode
VBATT = 2.8V,
VCC = 0V,
excluding IOUT
TA = -40°C to +85°C
2
µA
TA = +25°C
-0.1
+0.02
BATT Standby Current (Note 3)
IBATT
(VBATT + 0.2V) < VCC
< 5.5V
TA = -40°C to +85°C
-0.3
+0.02
µA
VCC = 4.75V, VCC > VTH, IOUT = 150mA
3.1
VCC = 3.15V, VCC > VTH, IOUT = 65mA
3.7
VCC to OUT On-Resistance
RON
VCC = 2.5V, VCC > VTH, IOUT = 25mA
4.6
VBATT = 4.50V, VCC = 0V, IOUT = 20mA
VBATT
- 0.2
VBATT = 3.15V, VCC = 0V, IOUT = 10mA
VBATT
- 0.15
Output Voltage in Battery
Backup Mode
VOUT
VBATT = 2.5V, VCC = 0V, IOUT = 5mA
VBATT
- 0.15
V
VCC rising
0
Battery-Switchover Threshold
VSW
VCC - VBATT, VCC < VTH
VCC falling
-40
mV


Similar Part No. - MAX16035LLB31+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1603 MAXIM-MAX1603 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
More results

Similar Description - MAX16035LLB31+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
   Available in small footprint packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com