Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-000071-005SMB Datasheet(PDF) 10 Page - Tyco Electronics

Part # MAAM-000071-005SMB
Description  RF Driver Amplifier 300 - 4000 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAM-000071-005SMB Datasheet(HTML) 10 Page - Tyco Electronics

Back Button MAAM-000071-005SMB Datasheet HTML 4Page - Tyco Electronics MAAM-000071-005SMB Datasheet HTML 5Page - Tyco Electronics MAAM-000071-005SMB Datasheet HTML 6Page - Tyco Electronics MAAM-000071-005SMB Datasheet HTML 7Page - Tyco Electronics MAAM-000071-005SMB Datasheet HTML 8Page - Tyco Electronics MAAM-000071-005SMB Datasheet HTML 9Page - Tyco Electronics MAAM-000071-005SMB Datasheet HTML 10Page - Tyco Electronics MAAM-000071-005SMB Datasheet HTML 11Page - Tyco Electronics MAAM-000071-005SMB Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RF Driver Amplifier
300 - 4000 MHz
MAAMSS0071
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
10
RoHS
Compliant
2500 MHz Schematic
2500 MHz PCB Layout
Typical Performance Curves, 2500 MHz Configuration
ICC
Applications Section
Parts List
50
75
100
125
150
175
200
0
5
10
15
20
25
30
+25°C
-40°C
+85°C
Output Power (dBm)
Part
Value
Case Style
Manufacturer
C1,C2,C3,C4
0.1 µF
0402
Murata
C5
39 pF
0402
Murata
C6
1 pF
0402
Murata
C7
0.5 pF
0402
Murata
C8
2 pF
0402
Murata
L1
7.5 nH
0402
Coilcraft
R1
2.4 Ω
0402
Panasonic
R2,R3
0 Ω
0402
Panasonic
C9
15 pF
0402
Murata


Similar Part No. - MAAM-000071-005SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-000070-001SMB MACOM-MAAM-000070-001SMB Datasheet
424Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
logo
M/A-COM Technology Solu...
MAAM-000070-001SMB MA-COM-MAAM-000070-001SMB Datasheet
356Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
logo
Tyco Electronics
MAAM-000070-002SMB MACOM-MAAM-000070-002SMB Datasheet
424Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
logo
M/A-COM Technology Solu...
MAAM-000070-002SMB MA-COM-MAAM-000070-002SMB Datasheet
356Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
logo
Tyco Electronics
MAAM-000070-003SMB MACOM-MAAM-000070-003SMB Datasheet
424Kb / 12P
   High Dynamic Range Amplifier 250 - 3800 MHz
More results

Similar Description - MAAM-000071-005SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0072 MACOM-MAAMSS0072 Datasheet
241Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0058 MACOM-MAAMSS0058 Datasheet
227Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050 MACOM-MAAMSS0050 Datasheet
351Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0056 MACOM-MAAMSS0056 Datasheet
321Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0057 MACOM-MAAMSS0057 Datasheet
202Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0048 MACOM-MAAMSS0048 Datasheet
462Kb / 14P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0073 MACOM-MAAMSS0073 Datasheet
250Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0049 MACOM-MAAMSS0049 Datasheet
479Kb / 11P
   RF Driver Amplifier 250 - 4000 MHz
logo
Teledyne Technologies I...
A2CP4121 TELEDYNE-A2CP4121 Datasheet
145Kb / 2P
   300 TO 4000 MHz COUGARPAK짰 AMPLIFIER
logo
DAICO Industries, Inc.
CAMD6254 DAICO-CAMD6254 Datasheet
111Kb / 1P
   30 MHz RF Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com