Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8529 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8529
Description  1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8529 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8529_07 Datasheet HTML 1Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 2Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 3Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 4Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 5Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 6Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 7Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 8Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1.5MHz Dual 180° Out-of-Phase
PWM Step-Down Controller with POR
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 12V, EN = ILIM_ = VL, SYNC = GND, IVL = 0mA, PGND = GND, CREF = 0.22µF, CVL = 4.7µF (ceramic), ROSC = 10k
Ω,
compensation components for COMP_ are from Figure 1, TA = -40°C to +85°C (Note 1), unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC Range
Internal oscillator nominal frequency must be set to half
of the SYNC frequency
1000
2800
kHz
High
100
SYNC Input Pulse Width
(Note 3)
Low
100
ns
SYNC Rise/Fall Time
(Note 3)
100
ns
ERROR AMPLIFIER
FB_ Input Bias Current
250
nA
FB_ Input Voltage Set Point
0.99
1.00
1.01
V
0°C to +85°C
1.25
1.8
2.70
FB_ to COMP_ Transconductance
-40°C to +85°C
1.2
1.8
2.9
mS
DRIVERS
DL_, DH_ Break-Before-Make Time
CLOAD = 5nF
30
ns
Low
1.5
2.5
DH_ On-Resistance
High
3
5
Ω
Low
0.6
1.5
DL_ On-Resistance
High
3
5
Ω
LOGIC INPUTS (EN, SYNC)
Input Low Level
Typical 15% hysteresis, VL = 4.75V
0.8
V
Input High Level
VL = 5.5V
2.4
V
Input High/Low Bias Current
VEN = 0 or 5.5V
-1
+0.1
+1
µA
LOGIC OUTPUTS (CKO)
Output Low Level
VL = 5V, sinking 5mA
0.4
V
Output High Level
VL = 5V, sourcing 5mA
4.0
V
COMP_
Pulldown Resistance During
Shutdown and Current Limit
17
Ω
RST OUTPUT
Output-Voltage Trip Level
Both FBs must be over this to allow the reset timer to
start; there is no hysteresis
0.87
0.9
0.93
V
VL = 5V, sinking 3.2mA
0.4
Output Low Level
VL = 1V, sinking 0.4mA
0.3
V
Output Leakage
V+ = VL = 5V, V RST = 5.5V, VFB = 1V
1
µA
Reset Timeout Period
VFB_ = 1V
140
315
560
ms
FB_ to Reset Delay
FB_ overdrive from 1V to 0.85V
4
µs
Note 1: Specifications to -40°C are guaranteed by design and not production tested.
Note 2: Operating supply range is guaranteed by VL line regulation test. Connect V+ to VL for 5V operation.
Note 3: Guaranteed by design and not production tested.


Similar Part No. - MAX8529_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8529EEG MAXIM-MAX8529EEG Datasheet
447Kb / 21P
   1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
More results

Similar Description - MAX8529_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529 Datasheet
447Kb / 21P
   1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com