Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8548 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8548
Description  Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8548 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8548 Datasheet HTML 4Page - Maxim Integrated Products MAX8548 Datasheet HTML 5Page - Maxim Integrated Products MAX8548 Datasheet HTML 6Page - Maxim Integrated Products MAX8548 Datasheet HTML 7Page - Maxim Integrated Products MAX8548 Datasheet HTML 8Page - Maxim Integrated Products MAX8548 Datasheet HTML 9Page - Maxim Integrated Products MAX8548 Datasheet HTML 10Page - Maxim Integrated Products MAX8548 Datasheet HTML 11Page - Maxim Integrated Products MAX8548 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Low-Cost, Wide Input Range, Step-Down
Controllers with Foldback Current Limit
8
_______________________________________________________________________________________
Detailed Description
The MAX8545/MAX8546/MAX8548 are BiCMOS switch-
mode power-supply controllers designed to implement
simple, buck-topology regulators in cost-sensitive
applications. The main power-switching circuit consists
of two n-channel MOSFETs, an inductor, and input/out-
put filter capacitors. An all n-channel synchronous-rec-
tified design provides high efficiency at reduced cost.
These devices have an internal 5V linear regulator that
steps down the input voltage to supply the IC and the
gate drivers. The low-side-switch gate driver is directly
powered from the 5V regulator (VL), while the high-
side-switch gate driver is indirectly powered from VL
plus an external diode-capacitor boost circuit.
Current-Limit and
Short-Circuit Protection
The MAX8545/MAX8546/MAX8548 employ a valley cur-
rent-sensing algorithm that uses the RDS(ON) of the low-
side n-channel MOSFET to sense the current. This
eliminates the need for an external sense resistor usually
placed in series with the output. The voltage measured
across the low-side MOSFET’s RDS(ON) is compared to
a fixed -320mV reference for the MAX8545/MAX8548
and a fixed -165mV reference for the MAX8546. The cur-
rent limit is given by the equations below:
Aside from current limiting, these devices feature fold-
back short-circuit protection. This feature is designed
to reduce the current limit by 80% as the output voltage
drops to 0V.
MOSFET Gate Drivers
The DH and DL drivers are optimized for driving n-chan-
nel MOSFETs with low gate charge. An adaptive dead-
time circuit monitors the DL output and prevents the
high-side MOSFET from turning on until the low-side
MOSFET is fully off. There must be a low-resistance,
low-inductance connection from the DL driver to the
MOSFET gate for the adaptive dead-time circuit to work
properly. Otherwise, the sense circuitry in the MAX8545/
MAX8546/MAX8548 may detect the MOSFET gate as off
while there is actually charge left on the gate. Use very
short, wide traces measuring no less than 50mils to 100
mils wide if the MOSFET is 1in away from the MAX8545/
MAX8546/MAX8548. The same type of adaptive dead-
time circuit monitors the DH off edge. The same recom-
mendations apply for the gate connection of the
high-side MOSFET.
The internal pulldown transistor that drives DL low is
robust, with a 1.1Ω (typ) on-resistance. This helps pre-
vent DL from being pulled up due to capacitive cou-
pling from the drain to the gate of the low-side
synchronous-rectifier MOSFET during the fast rise time
of the LX node.
Soft-Start
The MAX8545/MAX8546/MAX8548 feature an internally
set soft-start function that limits inrush current. It accom-
plishes this by ramping the internal reference input to the
controller’s transconductance error amplifier from 0 to
the 0.8V reference voltage. The ramp time is 1024 oscil-
lator cycles for the MAX8548 and 2048 oscillator cycles
for the MAX8545/MAX8546. At the nominal 100kHz and
300kHz switching rate, the soft-start ramp is approxi-
mately 10.2ms and 6.8ms, respectively.
High-Side Gate-Drive Supply (BST)
A flying-capacitor boost circuit generates gate-drive volt-
age for the high-side n-channel MOSFET. The flying
capacitor is connected between the BST and LX nodes.
On startup, the synchronous rectifier (low-side MOSFET)
forces LX to ground and charges the boost capacitor to
VL. On the second half-cycle, the MAX8545/MAX8546/
MAX8548 turn on the high-side MOSFET by closing an
internal switch between BST and DH. This provides the
necessary gate-to-source voltage to drive the high-side
MOSFET gate above its source at the input voltage.
Internal 5V Linear Regulator
All MAX8545/MAX8546/MAX8548 functions are internally
powered from an on-chip, low-dropout 5V regulator (VL).
These devices have a maximum input voltage (VIN) of
28V. Connect VCC to VL through a 10Ω resistor and
bypass VCC to GND with a 0.1µF ceramic capacitor. The
VIN-to-VL dropout voltage is typically 140mV, so when VIN
is less than 5.5V, VL is typically VIN - 140mV.
The internal linear regulator can source a minimum of
25mA and a maximum of approximately 40mA to supply
power to the IC low-side and high-side MOSFET drivers.
Duty-Cycle Limitations for
Low VOUT/VIN Ratios
The MAX8545/MAX8546/MAX8548s’ output voltage is
adjustable down to 0.8V. However, the minimum duty
cycle can limit the ability to supply low-voltage outputs
I
mV
R
MAX
LIMIT
DS ON
=
165
8546
()
()
I
mV
R
MAX
MAX
LIMIT
DS ON
=
320
8545
8548
()
(/
)


Similar Part No. - MAX8548

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8548 MAXIM-MAX8548 Datasheet
343Kb / 18P
   Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Rev 0; 7/03
MAX8548 MAXIM-MAX8548 Datasheet
479Kb / 6P
   Evaluates the MAX8545, MAX8546, and MAX8548
Rev 0a; 8/03
MAX8548EUB MAXIM-MAX8548EUB Datasheet
343Kb / 18P
   Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Rev 0; 7/03
More results

Similar Description - MAX8548

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8545 MAXIM-MAX8545 Datasheet
343Kb / 18P
   Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Rev 0; 7/03
MAX8597 MAXIM-MAX8597 Datasheet
502Kb / 24P
   Low-Dropout, Wide-Input-Voltage, Step-Down Controllers
Rev 0; 11/04
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
   2A Step-Down Converter with Adjustable Input Current Limit
logo
Linear Technology
LT3840 LINER-LT3840_15 Datasheet
290Kb / 24P
   Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
LT3840 LINER-LT3840 Datasheet
290Kb / 24P
   Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
logo
Maxim Integrated Produc...
MAX8576 MAXIM-MAX8576 Datasheet
493Kb / 18P
   3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers
Rev 1; 6/05
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
   3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
   2A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
logo
Texas Instruments
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com