Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9873HS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9873HS
Description  Multistandard dual carrier stereo sound decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873HS Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9873HS Datasheet HTML 1Page - NXP Semiconductors TDA9873HS Datasheet HTML 2Page - NXP Semiconductors TDA9873HS Datasheet HTML 3Page - NXP Semiconductors TDA9873HS Datasheet HTML 4Page - NXP Semiconductors TDA9873HS Datasheet HTML 5Page - NXP Semiconductors TDA9873HS Datasheet HTML 6Page - NXP Semiconductors TDA9873HS Datasheet HTML 7Page - NXP Semiconductors TDA9873HS Datasheet HTML 8Page - NXP Semiconductors TDA9873HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
2000 Apr 04
3
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
QUICK REFERENCE DATA
VCC =5V; Tamb =25 °C; B/G standard (fSC1 = 5.5 MHz, fSC2 = 5.742 MHz, SC1/SC2=7dB, ∆fAF = 27 kHz,
fmod = 1 kHz, L = R, stereo mode); input level for first sound carrier Vi(FM)(rms) =50mV; fref = 4.000 MHz; measured in
application circuits of Figs 7 and 8; unless otherwise specified.
Notes
1. Condition for B/G, I and D/K standard: VCC = 5 V and ∆f = 27 kHz (m = 54%). Condition for M standard: VCC =5V
and
∆f = 13.5 kHz; 6 dB gain added internally to compensate smaller deviation.
2. The maximum total system identification time ‘on’ for a channel change is equal to maximum value of tident(on) plus
tI2C(read-out). The maximum total system identification time ‘off’ for a channel change is equal to maximum value of
tident(off) plus tI2C(read-out). The fast mode is proposed mainly during search tuning, program or channel select. If the
channel is selected, the identification response should be switched to normal mode for improved reliability. However
due to the transition from fast to normal mode, the identification bits are not valid for one integrator period. Therefore
the transmitter mode detected during the fast mode has to be stored before changing to normal mode. The storage
has to be kept for two seconds (maximum value of tident(on) in the normal mode) from the moment of transition.
The identification can now operate in the normal mode until the next tuning action.
3. R modulated and L monitored.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.5
5
6.6
V
ICC
supply current
40
60
75
mA
Vo(rms)
AF output level (RMS value)
54% modulation; note 1
400
500
600
mV
Vo(cl)(rms)
AF output clipping level
(RMS value)
THD < 1.5%
1400
−−
mV
fi(FM)
FM-PLL operating frequencies
(switchable)
first sound carrier
M standard
4.5
MHz
B/G standard
5.5
MHz
I standard
6.0
MHz
D/K standard
6.5
MHz
second sound carrier
M standard
4.72
MHz
B/G standard
5.74
MHz
D/K (1) standard
6.26
MHz
D/K (2) standard
6.74
MHz
D/K (3) standard
5.74
MHz
S/NW
weighted signal-to-noise ratio
(complete signal path)
CCIR 468-4 weighted; quasi
peak; dual mode;
B/G standard; note 1
52
56
dB
tident(on)
total identification time on for
identification mode change
normal mode; note 2
0.35
2s
fast mode; note 2
0.1
0.5
s
Vi(FM)(rms)
FM-PLL input voltage (RMS value)
sensitivity for pull-in
first sound carrier
−−
6mV
second sound carrier
−−
1mV
α
cs(AF)(stereo)
AF channel separation (stereo
mode; complete signal path)
B/G standard; note 3
without alignment
25
30
dB
I2C-bus alignment
40
45
dB
αct(AF)(dual)
AF crosstalk attenuation (dual
mode; complete signal path)
65
70
dB


Similar Part No. - TDA9873HS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9870A PHILIPS-TDA9870A Datasheet
362Kb / 88P
   Digital TV Sound Processor DTVSP
1998 Aug 10
TDA9874A PHILIPS-TDA9874A Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874AH PHILIPS-TDA9874AH Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874APS PHILIPS-TDA9874APS Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
   Digital TV sound demodulator/decoder
1998 Apr 27
More results

Similar Description - TDA9873HS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3803A PHILIPS-TDA3803A Datasheet
95Kb / 11P
   Stereo/dual TV sound decoder circuit
November 1987
TDA2795 PHILIPS-TDA2795 Datasheet
236Kb / 6P
   TV STEREO / DUAL SOUND IDENTIFICATION DECODER
March 1986
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
   Multistandard decoder
November 1984
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
logo
List of Unclassifed Man...
MSP3405D ETC-MSP3405D Datasheet
472Kb / 71P
   Multistandard Sound Processors
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
logo
Micronas
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3400D MICRONAS-MSP3400D Datasheet
1Mb / 83P
   Multistandard Sound Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com