Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16037LLA44+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16037LLA44+T
Description  Low-Power Battery Backup Circuits in Small μDFN Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16037LLA44+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16037LLA44+T Datasheet HTML 5Page - Maxim Integrated Products MAX16037LLA44+T Datasheet HTML 6Page - Maxim Integrated Products MAX16037LLA44+T Datasheet HTML 7Page - Maxim Integrated Products MAX16037LLA44+T Datasheet HTML 8Page - Maxim Integrated Products MAX16037LLA44+T Datasheet HTML 9Page - Maxim Integrated Products MAX16037LLA44+T Datasheet HTML 10Page - Maxim Integrated Products MAX16037LLA44+T Datasheet HTML 11Page - Maxim Integrated Products MAX16037LLA44+T Datasheet HTML 12Page - Maxim Integrated Products MAX16037LLA44+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Low-Power Battery Backup
Circuits in Small µDFN Packages
_______________________________________________________________________________________
9
Detailed Description
The
Typical Operating Circuit shows a typical connec-
tion for the MAX16033–MAX16040. OUT powers the
static random-access memory (SRAM). If VCC is
greater than the reset threshold (VTH), or if VCC is lower
than VTH but higher than VBATT, VCC is connected to
OUT. If VCC is lower than VTH and VCC is less than
VBATT, BATT is connected to OUT. OUT supplies up to
200mA from VCC. In battery-backup mode, an internal
MOSFET connects the backup battery to OUT. The on-
resistance of the MOSFET is a function of the backup-
battery voltage and temperature and is shown in the
BATT-to-OUT On-Resistance vs. Temperature graph in
the
Typical Operating Characteristics.
Chip-Enable Signal Gating
(MAX16033–MAX16036 Only)
The MAX16033–MAX16036 provide internal gating of
chip-enable (CE) signals to prevent erroneous data
from being written to CMOS RAM in the event of a
power failure or brownout condition. During normal
operation, the CE gate is enabled and passes all CE
transitions. When reset asserts, this path becomes
disabled, preventing erroneous data from corrupting
the CMOS RAM. The MAX16033–MAX16036 provide a
series transmission gate from CEIN to CEOUT. A 2ns
(typ) propagation delay from CEIN to CEOUT allows
these devices to be used with most µPs and high-
speed DSPs.
When RESET is deasserted, CEIN is connected to
CEOUT through a low on-resistance transmission gate.
If CEIN is high when RESET is asserted, CEOUT
remains high regardless of any subsequent transitions
on CEIN during the reset event.
If CEIN is low when RESET is asserted, CEOUT is held
low for 1µs to allow completion of the read/write opera-
tion (Figure 1). After the 1µs delay expires, CEOUT
goes high and stays high regardless of any subsequent
transitions on CEIN during the reset event. When
CEOUT is disconnected from CEIN, CEOUT is actively
pulled up to OUT.
The propagation delay through the chip-enable circuit-
ry depends on both the source impedance of the drive
to CEIN and the capacitive loading at CEOUT. The
chip-enable propagation delay is specified from the
50% point of CEIN to the 50% point of CEOUT, using a
50Ω driver and 50pF load capacitance. Minimize the
capacitive load at CEOUT and use a low output-imped-
ance driver to minimize propagation delay.
In high-impedance mode, the leakage current at CEIN
is ±1µA (max) over temperature. In low-impedance
mode, the impedance of CEIN appears as a 75Ω resis-
tor in series with the load at CEOUT.
VCC
VTH
tRD
tRD
tRP
tRP
CEIN
CEOUT
RESET
PFO
PFI > VPFI
RESET-TO-CEOUT DELAY
*
* IF CEIN GOES HIGH BEFORE RESET ASSERTS,
CEOUT GOES HIGH WITHOUT DELAY AS CEIN GOES HIGH.
Figure 1. RESET and Chip-Enable Timing


Similar Part No. - MAX16037LLA44+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1603 MAXIM-MAX1603 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
More results

Similar Description - MAX16037LLA44+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
   Available in small footprint packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com