Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC13 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC13
Description  LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC13 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320AIC13 Datasheet HTML 7Page - Texas Instruments TLV320AIC13 Datasheet HTML 8Page - Texas Instruments TLV320AIC13 Datasheet HTML 9Page - Texas Instruments TLV320AIC13 Datasheet HTML 10Page - Texas Instruments TLV320AIC13 Datasheet HTML 11Page - Texas Instruments TLV320AIC13 Datasheet HTML 12Page - Texas Instruments TLV320AIC13 Datasheet HTML 13Page - Texas Instruments TLV320AIC13 Datasheet HTML 14Page - Texas Instruments TLV320AIC13 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
www.ti.com
Power-Supply Rejection
(1)
Power Supply
TLV320AIC12, TLV320AIC13
TLV320AIC14, TLV320AIC15
TLV320AIC12K, TLV320AIC14K
SLWS115E – OCTOBER 2001 – REVISED JANUARY 2007
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential
75
AVDD
Supply-voltage rejection ratio, analog supply (fj = 0 to fs/2) at 1 kHz
dB
Single-ended
50
DAC channel
95
DVDD
Supply-voltage rejection ratio, DAC channel
fj = 0 kHz to 30 kHz
dB
ADC channel
86
(1)
Power supply rejection measurements are made with both the ADC and DAC channels idle and a 200 mV peak-to-peak signal applied
to the appropriate supply.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
AIC12/13/14/15
AIC12K/14K
All sections on
17.8
23.1
17.8
PD
Power dissipation(1)
mW
Without 16-
Ω drivers
11.2
16.5
11.2
All sections on
5.4
7
5.4
mA
I(total)
Total current(1)
Without 16-
Ω drivers
3.4
5
3.4
Power down
0.01
0.01
mA
ADC
2
2
DAC
1
1
analog
IDD
Supply current
Ref
0.4
0.4
mA
16-
Ω drivers
2
2
digital(2)
Coarse sampling
1
1
IDD Analog
1.4
1.4
mA
IDD
Supply current, PLL
IDD Digital
1
1
(1)
Excludes digital
(2)
All section ON except the PLL condition.
11
Submit Documentation Feedback


Similar Part No. - TLV320AIC13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC13 TI-TLV320AIC13 Datasheet
330Kb / 50P
[Old version datasheet]   PRODUCT NOTIFICATION
More results

Similar Description - TLV320AIC13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com