Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204B302ML Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6204B302ML
Description  High Speed LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204B302ML Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6204B302ML Datasheet HTML 3Page - Torex Semiconductor XC6204B302ML Datasheet HTML 4Page - Torex Semiconductor XC6204B302ML Datasheet HTML 5Page - Torex Semiconductor XC6204B302ML Datasheet HTML 6Page - Torex Semiconductor XC6204B302ML Datasheet HTML 7Page - Torex Semiconductor XC6204B302ML Datasheet HTML 8Page - Torex Semiconductor XC6204B302ML Datasheet HTML 9Page - Torex Semiconductor XC6204B302ML Datasheet HTML 10Page - Torex Semiconductor XC6204B302ML Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
"
"
"
"XC6204
(1)Output Voltage vs. Output Current
7
XC6204 Series
High Speed LDO Regulators
XC6204x182
0.0
0.5
1.0
1.5
2.0
2.5
0
50
100 150 200 250 300 350
Output Current IOUT(mA)
VIN=2.8V
CIN=CL=1.0uF(ceramic)
XC6204x182
0.0
0.5
1.0
1.5
2.0
2.5
0
50
100 150 200 250 300 350
Output Current IOUT(mA)
VIN=2.1V
VIN=2.8V
VIN=5.0V
VIN=10V
Topr=25
OC
CIN=CL=1.0uF(ceramic)
XC6204x252
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100 150 200 250 300 350
Output Current IOUT(mA)
VIN=3.5V
CIN=CL=1.0uF(ceramic)
------------ 85
OC
 25OC
   -40OC
XC6204x252
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100 150 200 250 300 350
Output Current IOUT(mA)
VIN=2.8V
VIN=3.5V
VIN=5.0V
VIN=10V
Topr=25
OC
CIN=CL=1.0uF(ceramic)
XC6204x302
0.0
1.0
2.0
3.0
4.0
0
50
100 150 200 250 300 350
Output Current IOUT(mA)
VIN=4.0V
CIN=CL=1.0uF(ceramic)
------------ 85
OC
 25OC
   -40OC
XC6204x302
0.0
1.0
2.0
3.0
4.0
0
50
100 150 200 250 300 350
Output Current IOUT(mA)
VIN=3.3V
VIN=4.0V
VIN=7.0V
VIN=10V
Topr=25
OC
CIN=CL=1.0uF(ceramic)
------------ 85
OC
 25OC
   -40OC


Similar Part No. - XC6204B302ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204B302ML TOREX-XC6204B302ML Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204B302ML TOREX-XC6204B302ML Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204B302ML

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com