Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194BR-911 Datasheet(PDF) 11 Page - Winbond

Part # W83194BR-911
Description  STEPLESS VIA PT/PM MAIN CLOCK GENERATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-911 Datasheet(HTML) 11 Page - Winbond

Back Button W83194BR-911 Datasheet HTML 7Page - Winbond W83194BR-911 Datasheet HTML 8Page - Winbond W83194BR-911 Datasheet HTML 9Page - Winbond W83194BR-911 Datasheet HTML 10Page - Winbond W83194BR-911 Datasheet HTML 11Page - Winbond W83194BR-911 Datasheet HTML 12Page - Winbond W83194BR-911 Datasheet HTML 13Page - Winbond W83194BR-911 Datasheet HTML 14Page - Winbond W83194BR-911 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
STEPLESS CLOCK FOR VIA PT/PM CHIPSET
Publication Release Date: March 2006
- 7 -
Revision 0.71
W83194BR-911, W83194BG-911
7. I2C CONTROL AND STATUS REGISTERS
7.1 Register 0: Frequency Select (Default = 10h)
BIT
NAME
PWD
DESCRIPTION
7
SSEL [4]
0
6
SSEL [3]
0
5
SSEL [2]
0
4
SSEL [1]
1
3
SSEL [0]
0
Frequency selection by software via I
2C
2
EN_SSEL
0
Enable software program FS [4:0].
0 = Select frequency by hardware.
1= Select frequency by software I
2C - Bit 7~ 3.
1
EN_SPSP
0 Enable Spread Spectrum in the frequency table.
0 = Normal
1 = Spread Spectrum enabled
0
EN_SAFE_FREQ
0 Enable reload safe frequency when the watchdog is timeout.
0 = reload the FS [4:0] latched pins when watchdog time out.
1 = reload the safe frequency bit defined at Register 5 bit 4~0.
7.2 Register 1: CPU Clock (1 = Enable, 0 = Stopped) (Default: E2h)
BIT
PIN NO
PWD
DESCRIPTION
7
-
1
Reserved
6
43,42
1
CPUCLKT1 / C1 output control
5
40,39
1
CPUCLKT0 / C0 output control
4
-
X
Power on latched value of FS4 pin. Default: 0 (Read only)
3
-
X
Power on latched value of FS3 pin. Default: 0 (Read only)
2
-
X
Power on latched value of FS2 pin. Default: 0 (Read only)
1
-
X
Power on latched value of FS1 pin. Default: 1 (Read only)
0
-
X
Power on latched value of FS0 pin. Default: 0 (Read only)
7.3 Register 2: PCI Clock (1 = Enable, 0 = Stopped) (Default: FFh)
BIT
PIN NO
PWD
DESCRIPTION
7
10
1
PCI_F2 output control
6
9
1
PCI_F1 output control
5
8
1
PCI_F0 output control
4
Reserve
1
Reserved


Similar Part No. - W83194BR-911

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-903 WINBOND-W83194BR-903 Datasheet
336Kb / 26P
   STEPLESS VIA PT/PM MAIN CLOCK GENERATOR
W83194BR-903 WINBOND-W83194BR-903 Datasheet
355Kb / 26P
   STEPLESS VIA PT/PM MAIN CLOCK GENERATOR
W83194BR-903 WINBOND-W83194BR-903_06 Datasheet
355Kb / 26P
   STEPLESS VIA PT/PM MAIN CLOCK GENERATOR
W83194BR-97 WINBOND-W83194BR-97 Datasheet
207Kb / 11P
   200MHZ CLOCK FOR CAMINO CHIPSET
More results

Similar Description - W83194BR-911

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-903 WINBOND-W83194BR-903_06 Datasheet
355Kb / 26P
   STEPLESS VIA PT/PM MAIN CLOCK GENERATOR
W83194BR-903 WINBOND-W83194BR-903 Datasheet
336Kb / 26P
   STEPLESS VIA PT/PM MAIN CLOCK GENERATOR
W83194BR-PT WINBOND-W83194BR-PT Datasheet
716Kb / 24P
   STEPLESS VIA PT MAIN CLOCK GENERATOR
logo
Cypress Semiconductor
CY28551 CYPRESS-CY28551 Datasheet
658Kb / 30P
   Universal Clock Generator for Intel, VIA, and SIS짰
CY28551-3 CYPRESS-CY28551-3 Datasheet
887Kb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
CY28551 SILABS-CY28551 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
   STEPLESS CLOCK FOR SIS 741 CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com