Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16038LLA29+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16038LLA29+
Description  Low-Power Battery Backup Circuits in Small μDFN Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16038LLA29+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16038LLA29+ Datasheet HTML 6Page - Maxim Integrated Products MAX16038LLA29+ Datasheet HTML 7Page - Maxim Integrated Products MAX16038LLA29+ Datasheet HTML 8Page - Maxim Integrated Products MAX16038LLA29+ Datasheet HTML 9Page - Maxim Integrated Products MAX16038LLA29+ Datasheet HTML 10Page - Maxim Integrated Products MAX16038LLA29+ Datasheet HTML 11Page - Maxim Integrated Products MAX16038LLA29+ Datasheet HTML 12Page - Maxim Integrated Products MAX16038LLA29+ Datasheet HTML 13Page - Maxim Integrated Products MAX16038LLA29+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Low-Power Battery Backup
Circuits in Small µDFN Packages
10
______________________________________________________________________________________
Backup Battery Switchover
To preserve the contents of the RAM in a brownout or
power failure, the MAX16033–MAX16040 automatically
switch to back up the battery installed at BATT when
the following two conditions are met:
1) VCC falls below the reset threshold voltage.
2) VCC is below VBATT.
Table 1 lists the status of the inputs and outputs in bat-
tery-backup mode. The devices do not power-up if the
only voltage source is VBATT. OUT only powers up from
VCC at startup.
Manual-Reset Input
(MAX16033/MAX16037 Only)
Many µP-based products require manual-reset capabil-
ity, allowing the user or external logic circuitry to initiate
a reset. For the MAX16033/MAX16037, a logic-low on
MR asserts RESET. RESET remains asserted while MR
is low and for a minimum of 140ms (tRP) after it returns
high. MR has an internal 20kΩ (min) pullup resistor to
VCC. This input can be driven from TTL/CMOS logic
outputs or with open-drain/collector outputs. Connect a
normally-open momentary switch from MR to GND to
create a manual-reset function; external debounce cir-
cuitry is not required. When driving MR from long
cables or when using the device in a noisy environ-
ment, connect a 0.1µF capacitor from MR to GND to
provide additional noise immunity.
Watchdog Input
(MAX16034/MAX16038 Only)
The watchdog monitors µP activity through the watch-
dog input (WDI). RESET asserts when the µP fails to
toggle WDI. Connect WDI to a bus line or µP I/O line. A
change of state (high to low, low to high, or a minimum
100ns pulse) resets the watchdog timer. If WDI remains
high or low for longer than the watchdog timeout period
(tWD), the internal watchdog timer runs out and triggers
a reset pulse for the reset timeout period (tRP). The
internal watchdog timer clears whenever reset is
asserted or whenever WDI sees a rising or falling edge.
If WDI remains in either a high or low state, a reset
pulse periodically asserts after every watchdog timeout
period (tWD); see Figure 2.
Table 1. Input and Output Status in
Battery-Backup Mode
PIN
STATUS
VCC
Disconnected from OUT
OUT
Connected to BATT
BATT
Connected to OUT. Current drawn from the
battery is less than 1µA (at VBATT = 2.8V,
excluding IOUT) when VCC = 0V.
RESET
Asserted
BATTON
High state
MR, RESETIN,
CEIN, and WDI
Inputs ignored
CEOUT
Connected to OUT
PFO
Asserted
tWD = WATCHDOG TIMEOUT PERIOD
tRP = RESET TIMEOUT PERIOD
WDI
RESET
tWD
tWD
tRP
tRP
Figure 2. MAX16034/MAX16038 Watchdog Timeout Period and
Reset Active Time


Similar Part No. - MAX16038LLA29+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1603 MAXIM-MAX1603 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
More results

Similar Description - MAX16038LLA29+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
   Available in small footprint packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com