Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQ2133 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GQ2133
Description  CMOS POSITIVE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GQ2133 Datasheet(HTML) 1 Page - GTM CORPORATION

  GQ2133 Datasheet HTML 1Page - GTM CORPORATION GQ2133 Datasheet HTML 2Page - GTM CORPORATION GQ2133 Datasheet HTML 3Page - GTM CORPORATION GQ2133 Datasheet HTML 4Page - GTM CORPORATION GQ2133 Datasheet HTML 5Page - GTM CORPORATION GQ2133 Datasheet HTML 6Page - GTM CORPORATION GQ2133 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
ISSUED DATE :2005/03/16
REVISED DATE :
G
G Q
Q 22113333
C
C M
M O
O S
S P
P o
o ss ii tt ii vv ee V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The GQ2133 series of positive, linear regulators feature low quiescent current (30 A typ.) with low dropout
voltage, making them ideal for battery applications.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under
the “Worst” of operating conditions.
An additional feature is a “Power Good” detector, which pulls low when the output is out of regulation.
The GQ2133 is stable with an output capacitance of 2.2 F or greater.
Features
Functional Block Diagram
&Very Low Dropout Voltage
&Guaranteed 300mA output
&Over-Temperature Shutdown
&Current Limiting
&Short Circuit Current Fold-back
&Highly Accurate± 1.5%
&Power Good Output Function
&Power-saving Shutdown Mode
&Factor Pre-set Output Voltage
Applications
&Battery Powered Widgets
&Instrumentation
&Wireless Devices
&PC Peripherals
&Portable Electronics
&Cordless Phones
Note: If output voltage specification is lower than
&
Electronic Scales
1.215V, Vref will be trimmed to 1.2V
Package Dimensions
Millimeter
Dimensions
REF.
Min.
Max.
REF.
Millimeter
A
2.70
3.10
G
1.90 REF.
B
2.60
3.00
H
1.20 REF.
C
1.40
1.80
I
0.12 REF.
D
0.30
0.55
J
0.37 REF.
E
0
0.10
K
0.60 REF.
F
10°
L
0.95 REF.
Typical Application Circuit


Similar Part No. - GQ2133

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GQ2133 ETL-GQ2133 Datasheet
514Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2133-12 ETL-GQ2133-12 Datasheet
514Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2133-18 ETL-GQ2133-18 Datasheet
514Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2133-25 ETL-GQ2133-25 Datasheet
514Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2133-28 ETL-GQ2133-28 Datasheet
514Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results

Similar Description - GQ2133

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GQ2123 GTM-GQ2123 Datasheet
542Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5M2111 SECOS-S5M2111 Datasheet
1Mb / 5P
   CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G62FP GTM-G62FP Datasheet
1,002Kb / 7P
   CMOS Positive Voltage Regulator
GT2133 GTM-GT2133 Datasheet
437Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GN62FP GTM-GN62FP Datasheet
944Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GL2136 GTM-GL2136 Datasheet
331Kb / 4P
   CMOS POSITIVE VOLTAGE REGULATOR
GQ2131 GTM-GQ2131 Datasheet
417Kb / 5P
   CMOS POSITIVE VOLTAGE REGULATOR
GQ2141 GTM-GQ2141 Datasheet
767Kb / 5P
   CMOS POSITIVE VOLTAGE REGULATOR
GT2123 GTM-GT2123 Datasheet
466Kb / 8P
   CMOS POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com