Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9246GUM Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9246GUM
Description  21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9246GUM Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9246GUM Datasheet HTML 7Page - Maxim Integrated Products MAX9246GUM Datasheet HTML 8Page - Maxim Integrated Products MAX9246GUM Datasheet HTML 9Page - Maxim Integrated Products MAX9246GUM Datasheet HTML 10Page - Maxim Integrated Products MAX9246GUM Datasheet HTML 11Page - Maxim Integrated Products MAX9246GUM Datasheet HTML 12Page - Maxim Integrated Products MAX9246GUM Datasheet HTML 13Page - Maxim Integrated Products MAX9246GUM Datasheet HTML 14Page - Maxim Integrated Products MAX9246GUM Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
21-Bit Deserializers with Programmable
Spread Spectrum and DC Balance
______________________________________________________________________________________
11
Pin Description
PIN
NAME
FUNCTION
1
RxOUT17
2
RxOUT18
Channel 2 Single-Ended Outputs
3, 25, 32,
38, 44
GND
Ground
4
RxOUT19
5
RxOUT20
Channel 2 Single-Ended Outputs
6
SSG
Three-Level-Logic, Spread-Spectrum Generator Control Input. SSG selects the frequency spread of
RxCLKOUT relative to RxCLKIN (see Table 3).
7
DCB
Three-Level-Logic, DC-Balance Control Input. DCB selects DC-balanced, non-DC-balanced, or reserved
operation (see Table 1).
8
RxIN0-
Inverting Channel 0 LVDS Serial-Data Input
9
RxIN0+
Noninverting Channel 0 LVDS Serial-Data Input
10
RxIN1-
Inverting Channel 1 LVDS Serial-Data Input
11
RxIN1+
Noninverting Channel 1 LVDS Serial-Data Input
12
LVDSVCC
LVDS Supply Voltage. Bypass LVDSVCC to GND with 0.1µF and 0.001µF capacitors in parallel as close to
the pin as possible.
13, 18
LVDSGND
LVDS Ground
14
RxIN2-
Inverting Channel 2 LVDS Serial-Data Input
15
RxIN2+
Noninverting Channel 2 LVDS Serial-Data Input
16
RxCLKIN-
Inverting LVDS Parallel-Rate Clock Input
17
RxCLKIN+
Noninverting LVDS Parallel-Rate Clock Input
19, 21
PLLGND
PLL Ground
20
PLLVCC
PLL Supply Voltage. Bypass PLLVCC to GND with 0.1µF and 0.001µF capacitors in parallel as close to
the pin as possible.
22
PWRDWN
5V-Tolerant LVTTL/LVCMOS Power-Down Input.
PWRDWN is internally pulled down to GND. Outputs are
high impedance when
PWRDWN = low or open.
23
RxCLKOUT
Parallel-Rate Clock Single-Ended Output. The MAX9242 has a rising-edge strobe. The MAX9244/MAX9246/
MAX9254 have a falling-edge strobe.
24
RxOUT0
26
RxOUT1
27
RxOUT2
Channel 0 Single-Ended Outputs
28, 36, 48
VCCO
Output Supply Voltage. Bypass each VCCO to GND with 0.1µF and 0.001µF capacitors in parallel as
close to the pin as possible.
29
RxOUT3
30
RxOUT4
31
RxOUT5
33
RxOUT6
Channel 0 Single-Ended Outputs


Similar Part No. - MAX9246GUM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9246GUM MAXIM-MAX9246GUM Datasheet
256Kb / 23P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
More results

Similar Description - MAX9246GUM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9242 MAXIM-MAX9242_09 Datasheet
256Kb / 23P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
MAX9232 MAXIM-MAX9232 Datasheet
49Kb / 1P
   Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer
Rev 0; 9/05
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701JXC CYPRESS-CY25701JXC Datasheet
216Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701_07 Datasheet
275Kb / 8P
   Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
   Oscillator SMD, spread spectrum, programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com