Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9875 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 7Page - NXP Semiconductors TDA9875 Datasheet HTML 8Page - NXP Semiconductors TDA9875 Datasheet HTML 9Page - NXP Semiconductors TDA9875 Datasheet HTML 10Page - NXP Semiconductors TDA9875 Datasheet HTML 11Page - NXP Semiconductors TDA9875 Datasheet HTML 12Page - NXP Semiconductors TDA9875 Datasheet HTML 13Page - NXP Semiconductors TDA9875 Datasheet HTML 14Page - NXP Semiconductors TDA9875 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
1998 Feb 13
11
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
6.1.8
NICAM AUTO-MUTE
This function is enabled by setting bit AMUTE LOW
subaddress 14 (see Section 10.3.11). Upper and lower
error limits may be defined by writing appropriate values to
two registers in the I2C-bus section (subaddresses 16 and
17; see Sections 10.3.13 and 10.3.14). When the number
of errors in a 128 ms period exceeds the upper error limit
the auto-mute function will switch the output sound from
NICAM to whatever sound is on the first sound carrier
(FM or AM). When the error count is smaller than the lower
error limit the NICAM sound is restored.
The auto-mute function can be disabled by setting bit
AMUTE HIGH. In this condition clicks become audible
when the error count increases; the user will hear a signal
of degrading quality.
A decision to enable/disable the auto-muting is taken by
the microcontroller based on an interpretation of the
application control bits C1, C2, C3 and C4 and, possibly,
any additional strategy implemented by the set maker in
the microcontroller software.
When the AM sound in NICAM L systems is demodulated
in the 1st sound IF and the audio signal connected to the
mono input of the TDA9875, the controlling microcontroller
must implement the switching from NICAM reception to
mono input, if auto-muting is desired.
6.1.9
CRYSTAL OSCILLATOR
A circuit diagram of the external components of the
voltage-controlled crystal oscillator is illustrated in Fig.8
(see Chapter 12).
6.1.10
TEST PINS
Both test pins are active HIGH, in normal operation of the
device they are wired to VSSD1. Test functions are for
manufacturing tests only and are not available to
customers. Without external circuitry these pads are pulled
down to LOW level with internal resistors.


Similar Part No. - TDA9875

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9875A PHILIPS-TDA9875A Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9875A PHILIPS-TDA9875A Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9875AH PHILIPS-TDA9875AH Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9875AH PHILIPS-TDA9875AH Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
More results

Similar Description - TDA9875

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9875A PHILIPS-TDA9875A Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9870A PHILIPS-TDA9870A Datasheet
362Kb / 88P
   Digital TV Sound Processor DTVSP
1998 Aug 10
TDA9875A PHILIPS-TDA9875A Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
   TV SOUND PROCESSOR
CXA1279BS SONY-CXA1279BS Datasheet
184Kb / 15P
   TV SOUND PROCESSOR
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
   TV-SOUND PROCESSOR
TA1343N TOSHIBA-TA1343N Datasheet
267Kb / 26P
   TV SOUND PROCESSOR
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com