Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV32014KIDBTRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV32014KIDBTRG4
Description  LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV32014KIDBTRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV32014KIDBTRG4 Datasheet HTML 6Page - Texas Instruments TLV32014KIDBTRG4 Datasheet HTML 7Page - Texas Instruments TLV32014KIDBTRG4 Datasheet HTML 8Page - Texas Instruments TLV32014KIDBTRG4 Datasheet HTML 9Page - Texas Instruments TLV32014KIDBTRG4 Datasheet HTML 10Page - Texas Instruments TLV32014KIDBTRG4 Datasheet HTML 11Page - Texas Instruments TLV32014KIDBTRG4 Datasheet HTML 12Page - Texas Instruments TLV32014KIDBTRG4 Datasheet HTML 13Page - Texas Instruments TLV32014KIDBTRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
www.ti.com
DAC Channel Characteristics
BIAS Amplifier Characteristics
OUTMV Amplifier Characteristics
TLV320AIC12, TLV320AIC13
TLV320AIC14, TLV320AIC15
TLV320AIC12K, TLV320AIC14K
SLWS115E – OCTOBER 2001 – REVISED JANUARY 2007
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic range
VI = 0 dB at 1020 Hz
92
dB
Interchannel isolation
120
dB
EG
Gain error, 0 dB
VO = 0 dB at 1020 Hz
0.5
dB
Common mode voltage
1.35
V
Idle channel narrow band noise
0 kHz-4 kHz (1)
80
125(2)
µVrms
VOO
Output offset voltage at OUT (differential)
DIN = All zeros
10
mV
VO
Analog output voltage, (3.3 V)
OUTP
0.35
2.35
V
600
Ω load at 3.3 V between
6.7
OUTP1 and OUTM1
16
Ω load at 3.3 V between
single-ended OUTP2/OUTMV and
62.5
OUTP3/OUTMV(3)
P(O)
Maximum output power
mW
16
Ω load at 3.3 V between
differential OUTP2/OUTP3 and
125
OUTMV(4)
8
Ω load at 3.3 V between
differential OUTP2/OUTP3 and
190
OUTMV(4)
IIR
5/fs
Channel delay
s
FIR
18/fs
(1)
The conversion rate is 8 kHz.
(2)
The Max value is valid only for the AIC12/13/14/15.
(3)
The specification for maximum power output for single ended load between OUTP2/OUTMV and OUTP3/OUTMV is valid only for the
AIC12/13 and AIC12K.
(4)
The specification for maximum power output for differential load between OUTP2/OUTP3 and OUTMV is valid only for the AIC12/13 and
AIC12K.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
AIC12/13/14/15
AIC12K/14K
VO
Output voltage
2.2
2.35
2.4
2.35
V
Integrated noise
300 Hz-13 kHz
20
20
µV
Offset voltage
10
10
mV
Current drive
10
10
mA
Unity gain bandwidth
1
1
MHz
DC gain
140
120
dB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
AIC12/13/14/15
AIC12K/14K
VO
Output voltage
1.3
1.35
1.4
1.35
V
Integrated noise
300 Hz-13 kHz
20
20
µV
Offset voltage
10
10
mV
Current drive
62.5
62.5
mA
Unity gain bandwidth
1
1
MHz
DC gain
120
120
dB
10
Submit Documentation Feedback


Similar Part No. - TLV32014KIDBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201 TI1-TLV3201 Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI1-TLV3201 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
TLV3201 TI1-TLV3201 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV3201 TI1-TLV3201 Datasheet
1Mb / 31P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI1-TLV3201 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, Micropower, Push-Pull Output Automotive Comparators
More results

Similar Description - TLV32014KIDBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com