Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4277PAG4 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA4277PAG4
Description  High Precision OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4277PAG4 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA4277PAG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA4277PAG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA4277PAG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA4277PAG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA4277PAG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA4277PAG4 Datasheet HTML 11Page - Burr-Brown (TI) OPA4277PAG4 Datasheet HTML 12Page - Burr-Brown (TI) OPA4277PAG4 Datasheet HTML 13Page - Burr-Brown (TI) OPA4277PAG4 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
OPA277, OPA2277, OPA4277
10
SBOS079A
www.ti.com
R
1
V–
1/2
OPA2277
R
2
1/2
OPA2277
V
OUT = (V1 – V2)(1 +
)
R
2
R
1
V+
V+
V–
R
2
For integrated solution see: INA126, INA2126 (dual)
INA125 (on-board reference)
INA122 (single-supply)
R
1
Load
Cell
R+
∆R
V
2
R–
∆R
R–
∆R
R+
∆R
V
1
14
1
12
5V
11
13
I
REG ∼ 1mA
4
3
2
6
R
G
1250
XTR105
1/2
OPA2277
7
R
G
R
G
V
IN
V
IN
+
V
REG
I
R2
V+
I
RET
I
O
E
B
8
I
O = 4mA + (VIN – VIN)
+
40
R
G
9
10
R
F
10k
R
412
1/2
OPA2277
V+
V–
Type J
25
(G = 1 +
= 50)
2R
F
R
50
1k
R
F
10k
I
R1
V
LIN
R
CM = 1250Ω
0.01µF
FIGURE 3. Load Cell Amplifier.
FIGURE 4. Thermocouple Low Offset, Low Drift Loop Measurement with Diode Cold Junction Compensation.


Similar Part No. - OPA4277PAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4277PA TI-OPA4277PA Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4277PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277 Datasheet
346Kb / 9P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277UA2K5 TI1-OPA277UA2K5 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
OPA277U TI-OPA277U Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com