Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8804Y Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8804Y
Description  High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8804Y Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8804Y Datasheet HTML 1Page - Maxim Integrated Products MAX8804Y Datasheet HTML 2Page - Maxim Integrated Products MAX8804Y Datasheet HTML 3Page - Maxim Integrated Products MAX8804Y Datasheet HTML 4Page - Maxim Integrated Products MAX8804Y Datasheet HTML 5Page - Maxim Integrated Products MAX8804Y Datasheet HTML 6Page - Maxim Integrated Products MAX8804Y Datasheet HTML 7Page - Maxim Integrated Products MAX8804Y Datasheet HTML 8Page - Maxim Integrated Products MAX8804Y Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX8804Y/MAX8804Z intelligent, dual-input,
stand-alone, constant-current, constant-voltage
(CCCV), thermally regulated linear chargers are
designed for a single-cell lithium-ion (Li+) battery. They
integrate the current-sense circuit, MOS pass element,
thermal-regulation circuitry, and overvoltage protection
(OVP), and eliminate the reverse-blocking Schottky
diode to create a simple and small charging solution for
handheld equipment.
The MAX8804Z functions as a stand-alone charger to
control the charging sequence from the prequalification
state through fast-charge, top-off charge, and full-
charge indication. The MAX8804Y eliminates the pre-
qualification state to allow startup into a load without a
battery. Proprietary thermal-regulation circuitry limits
the die temperature when fast-charging or while
exposed to high ambient temperatures, allowing maxi-
mum charging current without damaging the IC.
The MAX8804Y/MAX8804Z achieve high flexibility by
providing an adjustable DC/USB fast-charge current
through a simple single-wire interface (SET input). The
chargers automatically select between either a USB or
AC adapter input source. The AC adapter charge cur-
rent is programmable from 400mA to 700mA in 50mA
steps through a serial interface. The USB charge cur-
rent is programmable to 95mA, 380mA, or 475mA
through the same interface. Other features include an
active-low battery charging-status indicator (CHG), an
active-low power-OK indicator (POK), and an active-low
USB input detection output (USBPWR).
The MAX8804Y/MAX8804Z accept a 4.15V to 30V DC
source voltage or a 4.15V to 16V USB input voltage, but
disable charging when either input voltage exceeds
7.5V to protect against unqualified or faulty input
sources. The MAX8804Y/MAX8804Z operate over the
extended temperature range (-40°C to +85°C) and are
available in a tiny 8-pin thermally enhanced 2mm x
3mm TDFN package.
Applications
Cell Phones/Smartphones
Digital Cameras
Portable Media Players
MP3 Players
Other Handheld Devices
Features
♦ Complete Chargers for Single-Cell Li+ Battery
♦ Dual-Input, 30V AC Adapter/16V USB
♦ No External FET, Blocking Diode, or Sense
Resistor Required
♦ Automatic USB/AC Adapter Input Selection
♦ Easy Programmable Fast-Charge Current and
Top-Off Threshold
♦ Proprietary Die Temperature Regulation Control
♦ ±5% Fast-Charge Current-Limit Accuracy
♦ Power-Present and Charger-Status Outputs
♦ No Prequalification Charge (MAX8804Y)
♦ Tiny 2mm x 3mm Thermally Enhanced TDFN
Package
♦ USB Charging Protected by US Patent #6,507,172
High-Voltage, Dual-Input, USB/AC
Adapter Chargers in 2mm x 3mm TDFN
________________________________________________________________
Maxim Integrated Products
1
19-0785; Rev 0; 4/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
*
EP = Exposed paddle.
+
Denotes a lead-free package.
Note: All devices are specified to operate over the -40°C to
+85°C operating temperature range.
PART
PIN-
PACKAGE
PKG
CODE
TOP
MARK
MAX8804YETA+
8 TDFN-EP*
T823+1
AAD
MAX8804ZETA+
8 TDFN-EP*
T823+1
AAC
Pin Configuration appears at end of data sheet.
DC
GND
USB
SET
CHG
POK
USBPWR
BAT
+3.3V
AC
ADAPTER
USB
PORT
ENABLE/DISABLE
AND PROGRAMMING
Li+
1
μF
2.2
μF
MAX8804Y
MAX8804Z
1
μF
Typical Application Circuit


Similar Part No. - MAX8804Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8804Y MAXIM-MAX8804Y Datasheet
217Kb / 17P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 1; 10/07
MAX8804Y MAXIM-MAX8804Y Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8804Y MAXIM-MAX8804Y Datasheet
136Kb / 7P
   Power-Present and Charger-Status Outputs
Rev 0; 4/08
MAX8804YETA MAXIM-MAX8804YETA Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8804YETA++ MAXIM-MAX8804YETA+ Datasheet
217Kb / 17P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 1; 10/07
More results

Similar Description - MAX8804Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8804 MAXIM-MAX8804_08 Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8804W MAXIM-MAX8804W Datasheet
217Kb / 17P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 1; 10/07
MAX8804Z MAXIM-MAX8804Z Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
2008
MAX8804V MAXIM-MAX8804V Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8586 MAXIM-MAX8586_09 Datasheet
298Kb / 13P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586 MAXIM-MAX8586 Datasheet
245Kb / 11P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 0; 11/04
logo
Linear Technology
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Maxim Integrated Produc...
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com