Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC20CPFBRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV320AIC20CPFBRG4
Description  LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC20CPFBRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC20CPFBRG4 Datasheet HTML 4Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 5Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 6Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 9Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 10Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 11Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
www.ti.com
ADC DYNAMIC PERFORMANCE
ADC CHANNEL CHARACTERISTICS
TLV320AIC12, TLV320AIC13
TLV320AIC14, TLV320AIC15
TLV320AIC12K, TLV320AIC14K
SLWS115E – OCTOBER 2001 – REVISED JANUARY 2007
Fs = 8 KHz (1)
TEST
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
CONDITIONS
AIC12/13/14/15
AIC12K/14K
VI = -1 dB
82
88
75
88
SNR
Signal-to-noise ratio
VI = -9 dB
78
82
82
VI = -40 dB
46
VI = -1 dB
84
90
75
90
THD
Total harmonic distortion
VI = -9 dB
82
88
88
dB
VI = -40 dB
67
VI = -1 dB
79
87
87
Signal-to-harmonic
THD+N
VI = -9 dB
73
79
79
distortion + noise
VI = -40 dB
48
(1)
The test condition is a differential 1020-Hz input signal with an 8-KHz conversion rate. Input and output common mode is 1.35 V.
TEST
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
CONDITIONS
AIC12/13/14/15
AIC12K/14K
Preamplifier gain = 6
VI(pp)
Single-ended input level
2
2
V
dB
VIO
Input offset voltage
MICIN, INPx, INMx
±10
±10
mV
IB
Input bias current
MICIN, INPx, INMx
34
34
µA
Common-mode voltage
1.35
1.35
V
Dynamic range
VI = -1 dB
85
85
dB
Mute attenuation
PGA = MUTE
80
80
dB
Intrachannel isolation
87
87
dB
EG
Gain error
VI = -1 dB at 1020 Hz
0.6
0.6
dB
EO(ADC)
ADC converter offset error
±10
±10
mV
Common-mode rejection
CMRR
VI = -1 dB at 1020 Hz
50
50
dB
ratio at INMx and INPx
Idle channel noise
V(INP,INM,MICIN) = 0 V
50
100
50
µVrms
RI
Input resistance
TA = 25°C
30
30
k
CI
Input capacitance
TA = 25°C
2
2
pF
IIR
5/fs
5/fs
S
Channel delay
FIR
17/fs
17/fs
S
8
Submit Documentation Feedback


Similar Part No. - TLV320AIC20CPFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC20CPFBRG4 TI-TLV320AIC20CPFBRG4 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results

Similar Description - TLV320AIC20CPFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com