Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC25CPFBG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC25CPFBG4
Description  LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC25CPFBG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV320AIC25CPFBG4 Datasheet HTML 1Page - Texas Instruments TLV320AIC25CPFBG4 Datasheet HTML 2Page - Texas Instruments TLV320AIC25CPFBG4 Datasheet HTML 3Page - Texas Instruments TLV320AIC25CPFBG4 Datasheet HTML 4Page - Texas Instruments TLV320AIC25CPFBG4 Datasheet HTML 5Page - Texas Instruments TLV320AIC25CPFBG4 Datasheet HTML 6Page - Texas Instruments TLV320AIC25CPFBG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC25CPFBG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC25CPFBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
www.ti.com
DESCRIPTION
TLV320AIC12, TLV320AIC13
TLV320AIC14, TLV320AIC15
TLV320AIC12K, TLV320AIC14K
SLWS115E – OCTOBER 2001 – REVISED JANUARY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The TLV320AIC1x is a true low-cost, low-power, high-integrated, high-performance, mono voice codec. It
features one 16-bit analog-to-digital (A/D) channel and one 16-bit digital-to-analog (D/A) channel.
The TLV320AIC1x
provides
high-resolution
signal
conversion
from
digital-to-analog
(D/A)
and
from
analog-to-digital (A/D) using oversampling sigma-delta technology with programmable sampling rate.
The TLV320AIC1x implements the smart time division multiplexed serial port (SMARTDM™). The SMARTDM
port is a synchronous 4-wire serial port in TDM format for glue-free interface to TI DSPs (i.e. TMS320C5000™,
TMS320C6000™) and microcontrollers. The SMARTDM supports both continuous data transfer mode and
on-the-fly reconfiguration programming mode. The TLV320AIC1x can be gluelessly cascaded to any
SMARTDM-based device to form multichannel codec and up to 16 TLV320AIC1x codecs can be cascaded to a
single serial port.
The TLV320AIC1x also provides a flexible host port. The host port interface is a two-wire serial interface that
can be programmed to be either an industrial standard I2C or a simple S2C (start-stop communication protocol).
The TLV320AIC1x also integrates all of the critical functions needed for most voice-band applications including
MIC preamplifier, handset amplifier, headset amplifier, antialiasing filter (AAF), input/output programmable gain
amplifier (PGA), and selectable low-pass IIR/FIR filters. The AIC12K also includes an 8-
Ω speaker driver.
The TLV320AIC1x implements an extensive power management; including device power-down, independent
software control for turning off ADC, DAC, operational-amplifiers, and IIR/FIR filter (bypass) to maximize system
power conservation. The TLV320AIC1x consumes only 11.2 mW at 3.3 V.
The TLV320AIC1x low power operation from 2.7 V to 3.6 V power supplies, along with extensive power
management, make it ideal for portable applications including wireless accessories, hands free car kits, VOIP,
cable modem, and speech processing. Its low group delay characteristic makes it suitable for single or
multichannel active control applications.
The TLV320AIC1x is characterized for commercial operation from 0
°C to 70°C and industrial operation from
-40
°C to 85°C. The TLV320AIC1xk is characterized for industrial operation from -40°C to 85°C.
ORDERING INFORMATION
OPERATING
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE (1)
TEMPERATURE
DESIGNATOR
NUMBER
QUANTITY
RANGE, TA
TLV320AIC1xCDBT
Tape and Reel, 250
TLV320AIC1xC
TSSOP-30
DBT
0
°C to 70°C
TLV320AIC1xCDBTR
Tape and Reel, 3000
TLV320AIC1xIDBT
Tape and Reel, 250
TLV320AIC1xI
TSSOP-30
DBT
-40
°C to 85°C
TLV320AIC1xIDBTR
Tape and Reel, 3000
TLV320AIC12KIRHBT
Tape and Reel, 250
TLV320AIC12K
QFN-32
RHB
-40
°C to 85°C
TLV320AIC12KIRHBR
Tape and Reel, 3000
TLV320AIC14KIRHBT
Tape and Reel, 250
TLV320AIC14K
QFN-32
RHB
-40
°C to 85°C
TLV320AIC14KIRHBR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
2
Submit Documentation Feedback


Similar Part No. - TLV320AIC25CPFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC25CPFBG4 TI-TLV320AIC25CPFBG4 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC25CPFBG4 TI1-TLV320AIC25CPFBG4 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
More results

Similar Description - TLV320AIC25CPFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com