Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSC79L05 Datasheet(PDF) 4 Page - GTM CORPORATION

Part # GSC79L05
Description  NEGATIVE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC79L05 Datasheet(HTML) 4 Page - GTM CORPORATION

  GSC79L05 Datasheet HTML 1Page - GTM CORPORATION GSC79L05 Datasheet HTML 2Page - GTM CORPORATION GSC79L05 Datasheet HTML 3Page - GTM CORPORATION GSC79L05 Datasheet HTML 4Page - GTM CORPORATION GSC79L05 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CORPORATION
GSC79LXX
Page: 4/5
ISSUED DATE :2006/06/26
REVISED DATE :
GSC79L18 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin= -27V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-17.46
-18.0
-18.54
VO
B-Rank (5%)
-17.10
-
-18.9
V
Vin= -27V, Io=40mA, Tj=25 :
-20.5V Vin -33V, 1mA Io 40mA
Vin= -27V, 1mA Io 70mA (Note2)
VO
(Line Regulation)
-
70
300
mV
-20.5V Vin -33V, Io=40mA, Tj=25 :
VO
(Load Regulation)
-
27
170
mV
Vin= -27V, 1mA Io 100mA, Tj=25 :
I
Q
-
-
6.5
mA
Vin= -27V, Io=40mA, Tj=25 :
-
-
0.1
Vin= -27V, 1mA Io 40mA
I
Q
-
-
1.5
mA
-21V Vin -33V, Io=40mA
Vn
-
150
-
V
10Hz f 100KHz
RR
33
48
-
dB
-23V Vin -33V, Io=40mA, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
GSC79L24 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin= -33V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-23.28
-24.0
-24.72
VO
B-Rank (5%)
-22.80
-
-25.20
V
Vin= -33V, Io=40mA ,Tj=25 :
-27V Vin -38V, 1mA Io 40mA
Vin= -33V, 1mA Io 70mA (Note2)
VO
(Line Regulation)
-
90
350
mV
-27V Vin -38V, Io=40mA, Tj=25 :
VO
(Load Regulation)
-
40
200
mV
Vin= -33V, 1mA Io 100mA, Tj=25 :
I
Q
-
-
6.5
mA
Vin= -33V, Io=40mA, Tj=25 :
-
-
0.1
Vin= -33V, 1mA Io 40mA
I
Q
-
-
1.5
mA
-28V Vin -38V, Io=40mA
Vn
-
200
-
V
10Hz f 100KHz
RR
31
47
-
dB
-29V Vin -35V, Io=40mA, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
Note1: The Maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of the package and
copper of PCB. The data above represent pulse test conditions with junction temperatures specified at the initiation of test.
Note2: Power dissipation<0.75W
Typical Application


Similar Part No. - GSC79L05

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC7811 GTM-GSC7811 Datasheet
287Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSC78L05 GTM-GSC78L05 Datasheet
129Kb / 2P
   surface mount device regulator
GSC78L05 GTM-GSC78L05 Datasheet
333Kb / 6P
   POSITIVE VOLTAGE REGULATOR
GSC78L10 GTM-GSC78L10 Datasheet
333Kb / 6P
   POSITIVE VOLTAGE REGULATOR
GSC78L12 GTM-GSC78L12 Datasheet
333Kb / 6P
   POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GSC79L05

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
   Negative Voltage Regulator
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
   Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
   Negative Voltage Regulator
S79L24 SECOS-S79L24_15 Datasheet
643Kb / 2P
   Negative Voltage Regulator
S79LXX SECOS-S79LXX_15 Datasheet
720Kb / 5P
   Negative Voltage Regulator
S79L24 SECOS-S79L24 Datasheet
643Kb / 2P
   Negative Voltage Regulator
logo
Analog Intergrations Co...
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
   Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com