Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF5242T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDF5242T
Description  Brushless DC motor drive circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5242T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDF5242T Datasheet HTML 6Page - NXP Semiconductors TDF5242T Datasheet HTML 7Page - NXP Semiconductors TDF5242T Datasheet HTML 8Page - NXP Semiconductors TDF5242T Datasheet HTML 9Page - NXP Semiconductors TDF5242T Datasheet HTML 10Page - NXP Semiconductors TDF5242T Datasheet HTML 11Page - NXP Semiconductors TDF5242T Datasheet HTML 12Page - NXP Semiconductors TDF5242T Datasheet HTML 13Page - NXP Semiconductors TDF5242T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Sep 12
10
Philips Semiconductors
Preliminary specification
Brushless DC motor drive circuit
TDF5242T
CHARACTERISTICS
VP = 14.5 V ±10%; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
4
18
V
IP
supply current
note 2
5.2
6.25
mA
VVMOT
input voltage to the output driver
stages
see Fig.1
3
18
V
Thermal protection
TSD
temperature at temperature sensor
causing shut-down
130
140
150
°C
∆T
decrease in temperature before
switch-on after shut-down
TSD − 30 −
K
COMP-A, COMP-B, COMP-C and MOT0
VI
input voltage
−0.5
VVMOT
V
II
input bias current
0.5V<VI <VVMOT − 1.5 V −10
0
µA
VCSW
comparator switching level
note 3
±20
±25
±30
mV
∆VCSW
variation in comparator switching
levels
−3
0
+3
mV
Vhys
comparator input hysteresis
Tamb =25 °C
75
−µV
OUT-NA, OUT-NB, OUT-NC, OUT-PA, OUT-PB and OUT-PC
VO(n)
n-channel driver output voltage
upper transistor;
IO = −100 mA;
Tamb =25 °C
−1.05
−−
V
lower transistor;
IO = 10 mA; Tamb =25 °C
−−
0.35
V
VO(p)
p-channel driver output voltage
upper transistor;
IO = −10 mA; Tamb =25 °C
−1.05
−−
V
lower transistor;
IO = 100 mA; Tamb =25 °C
−−
0.35
V
∆V
OL
variation in saturation voltage
between lower transistors
IO = 100 mA; Tamb =25 °C −−
180
mV
∆VOH
variation in saturation voltage
between upper transistors
IO = −100 mA;
Tamb =25 °C
−−
180
mV
ILIM
current limiting
lower transistor; RO =47 Ω 150
180
250
mA
+AMP IN and
−AMP IN
VI
input voltage
−0.3
VP − 1.7 V
differential mode voltage without
‘latch-up’
−−
±V
P
V
Ib
input bias current
Tamb =25 °C
−−
650
nA
CI
input capacitance
Tamb =25 °C
4
pF
Voffset
input offset voltage
−−
10
mV


Similar Part No. - TDF5242T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF5140 PHILIPS-TDF5140 Datasheet
120Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDF5140A NXP-TDF5140A Datasheet
88Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDF5140AP NXP-TDF5140AP Datasheet
88Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
More results

Similar Description - TDF5242T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
   Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
   Brushless DC motor drive circuit
1998 Oct 27
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDA5145 PHILIPS-TDA5145 Datasheet
249Kb / 24P
   Brushless DC motor drive circuit
June 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com