Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSC93BC56 Datasheet(PDF) 8 Page - GTM CORPORATION

Part # GSC93BC56
Description  2-WIRE SERIAL EEPROMS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC93BC56 Datasheet(HTML) 8 Page - GTM CORPORATION

  GSC93BC56 Datasheet HTML 1Page - GTM CORPORATION GSC93BC56 Datasheet HTML 2Page - GTM CORPORATION GSC93BC56 Datasheet HTML 3Page - GTM CORPORATION GSC93BC56 Datasheet HTML 4Page - GTM CORPORATION GSC93BC56 Datasheet HTML 5Page - GTM CORPORATION GSC93BC56 Datasheet HTML 6Page - GTM CORPORATION GSC93BC56 Datasheet HTML 7Page - GTM CORPORATION GSC93BC56 Datasheet HTML 8Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
GSC93BC46/56/66
Page: 8/8
ISSUED DATE :2006/06/14
REVISED DATE :
GSC93BC46 Ordering Information
Ordering Code
Package
Pin Type
Operating Ranges
GSC93BC46AI
A
GSC93BC46BI
SOP-8
B
Industrial (-40 ~ +85 :::: )
GSC93BC56 Ordering Information
Ordering Code
Package
Pin Type
Operating Ranges
GSC93BC56AI
A
GSC93BC56BI
SOP-8
B
Industrial (-40 ~ +85 :::: )
GSC93BC66 Ordering Information
Ordering Code
Package
Pin Type
Operating Ranges
GSC93BC66AI
A
GSC93BC66BI
SOP-8
B
Industrial (-40 ~ +85 :::: )
Product Ordering Information
GSC93BCXXYZ
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
SC=SOP-8
G=GTM
93=Device Type
Supply Voltage
BC=1.8V to 5.5V
Device Function
46=1 Kbit (128x8 or 64x16)
56=2 Kbit (256x8 or 128x16)
66=4 Kbit (512x8 or 256x16)
Pin Type
A=A-Type
B=B-Type
Temperature
I=Industrial (-40 ~ +85 : *


Similar Part No. - GSC93BC56

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC93BC56 ETL-GSC93BC56 Datasheet
286Kb / 8P
   3 - w i r e S e r i a l E E P RO Ms 1 K / 2 K / 4 K
More results

Similar Description - GSC93BC56

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com