Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24314DSGR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24314DSGR
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24314DSGR Datasheet(HTML) 2 Page - Texas Instruments

  BQ24314DSGR Datasheet HTML 1Page - Texas Instruments BQ24314DSGR Datasheet HTML 2Page - Texas Instruments BQ24314DSGR Datasheet HTML 3Page - Texas Instruments BQ24314DSGR Datasheet HTML 4Page - Texas Instruments BQ24314DSGR Datasheet HTML 5Page - Texas Instruments BQ24314DSGR Datasheet HTML 6Page - Texas Instruments BQ24314DSGR Datasheet HTML 7Page - Texas Instruments BQ24314DSGR Datasheet HTML 8Page - Texas Instruments BQ24314DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
OFF
OUT
FAULT
CE
VBAT
ILIMREF- D
4.35V
COUNTER,CONTROL,
ANDSTATUS
THERMAL
SHUTDOWN
ChargePump,
Bandgap,
BiasGenerator
tGDL(BOVP)
ISNS
ILIMREF
ILIM
IN
tBLANK(OCP)
5.85V(bq24314)
6.80V(bq24316)
VIN
VUVLO
VIN
ISNS
tDGL(PGOOD)
VSS
TERMINAL FUNCTIONS
bq24314
bq24316
SLUS763 – JULY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
SIMPLIFIED BLOCK DIAGRAM
TERMINAL
I/O
DESCRIPTION
NAME
DSJ
DSG
1, 2
1
I
Input power, connect to external DC supply. Connect external 1
μF capacitor (minimum) to VSS. For
IN
the 12 pin (DSJ-suffix) device, ensure that pins 1 and 2 are connected together on the PCB at the
device.
OUT
10, 11
8
O
Output terminal to the charging system. Connect external 1
μF capacitor (minimum) to VSS.
VBAT
8
6
I
Battery voltage sense input. Connect to pack positive terminal through a resistor.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): bq24314 bq24316


Similar Part No. - BQ24314DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314DSGR TI-BQ24314DSGR Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314DSGR TI1-BQ24314DSGR Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
BQ24314DSGRG4 TI1-BQ24314DSGRG4 Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
More results

Similar Description - BQ24314DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com