Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7863IDBQR Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7863IDBQR
Description  Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7863IDBQR Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS7863IDBQR Datasheet HTML 4Page - Burr-Brown (TI) ADS7863IDBQR Datasheet HTML 5Page - Burr-Brown (TI) ADS7863IDBQR Datasheet HTML 6Page - Burr-Brown (TI) ADS7863IDBQR Datasheet HTML 7Page - Burr-Brown (TI) ADS7863IDBQR Datasheet HTML 8Page - Burr-Brown (TI) ADS7863IDBQR Datasheet HTML 9Page - Burr-Brown (TI) ADS7863IDBQR Datasheet HTML 10Page - Burr-Brown (TI) ADS7863IDBQR Datasheet HTML 11Page - Burr-Brown (TI) ADS7863IDBQR Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
CLOCK
CONVST
12ns
Cyc e
l 1
Cyc e
l 2
A
B
C
12ns
TBD
TBD
TIMING REQUIREMENTS
(1)
ADS7863
SBAS383 – JUNE 2007
TIMING CHARACTERISTICS (continued)
NOTE: All CONVST commands that occur more than 12ns before the rising edge of cycle ‘1’ of the external clock
(Region ‘A’) initiate a conversion on the rising edge of cycle ‘1’. All CONVST commands that occur TBDns after the
rising edge of cycle ‘1’ or 12ns before the rising edge of cycle 2 (Region ‘B’) initiate a conversion on the rising edge
of cycle ‘2’. All CONVST commands that occur TBDns after the rising edge of cycle ‘2’ (Region ‘C’) initiate a
conversion on the rising edge of the next clock period.
The CONVST pin should never be switched from LOW to HIGH in the region 12ns prior to the rising edge of the
CLOCK and TBDns after the rising edge (gray areas). If CONVST is toggled in this gray area, the conversion could
begin on either the same rising edge of the CLOCK or the following edge.
Figure 2. CONVST Timing
Over recommended operating free-air temperature range at –40
°C to +125°C, AV
DD = 5V, and BVDD = 2.7V to 5V, unless
otherwise noted.
ADS7863
SYMBOL
PARAMETER
COMMENTS
MIN
MAX
UNIT
tCONV
Conversion time
fCLOCK = 24MHz
541.67
ns
tACQ
Acquisition time
fCLOCK = 24MHz
125
ns
fCLOCK
CLOCK frequency
See Figure 1
1
24
MHz
TCLOCK
CLOCK period
See Figure 1
41.67
1000
ns
tCKL
CLOCK low time
See Figure 1
5
ns
tCKH
CLOCK high time
See Figure 1
5
ns
t1
CONVST high time
See Figure 1
15
ns
t2
SDI setup time to CLOCK falling edge
See Figure 1
10
ns
t3
SDI hold time to CLOCK falling edge
See Figure 1
5
ns
t4
RD high setup time to CLOCK falling edge
See Figure 1
10
ns
t5
RD high hold time to CLOCK falling edge
See Figure 1
5
ns
t6
CONVST low time
See Figure 1
15
ns
t7
RD low time relative to CLOCK falling edge
See Figure 1
15
ns
t8
CS low to SDOx valid
See Figure 1
20
ns
SDOx data setup time to CLOCK falling
t9
See Figure 1
25
ns
edge
t10
SDOx data hold time to CLOCK falling edge
See Figure 1
5
ns
CONVST setup time to rising edge of
t11
See Figure 1
12
ns
CLOCK
t12
CLOCK rising edge to BUSY low delay
See Figure 1
3
ns
t13
CS low to RD high delay
See Figure 1
10
ns
(1)
All input signals are specified with tR = tF = 1.5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2.
8
Submit Documentation Feedback


Similar Part No. - ADS7863IDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7863IDBQR TI-ADS7863IDBQR Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQR TI1-ADS7863IDBQR Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863IDBQR TI1-ADS7863IDBQR Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQRG4 TI-ADS7863IDBQRG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQRG4 TI1-ADS7863IDBQRG4 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
More results

Similar Description - ADS7863IDBQR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com