Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT4040MT Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HCT4040MT
Description  High-Speed CMOS Logic 12-Stage Binary Counter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4040MT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HCT4040MT Datasheet HTML 2Page - Texas Instruments CD74HCT4040MT Datasheet HTML 3Page - Texas Instruments CD74HCT4040MT Datasheet HTML 4Page - Texas Instruments CD74HCT4040MT Datasheet HTML 5Page - Texas Instruments CD74HCT4040MT Datasheet HTML 6Page - Texas Instruments CD74HCT4040MT Datasheet HTML 7Page - Texas Instruments CD74HCT4040MT Datasheet HTML 8Page - Texas Instruments CD74HCT4040MT Datasheet HTML 9Page - Texas Instruments CD74HCT4040MT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Reset Removal Time
tREM
2
50
-
65
-
75
-
ns
4.5
10
-
13
-
15
-
ns
6
9
-
11
-
13
-
ns
Reset Pulse Width
tW
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14
-
17
-
20
-
ns
HCT TYPES
Maximum Input Pulse
Frequency
fMAX
4.5
25
-
20
-
16
-
MHz
Input Pulse Width
tW
4.5
20
-
25
-
30
-
ns
Reset Recovery Time
tREM
4.5
10
-
13
-
15
-
ns
Reset Pulse Width
tW
4.5
20
-
25
-
30
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
(Figure 1)
tPLH, tPHL CL = 50pF
2
-
-
140
-
175
-
210
ns
CP to Q1’ Output
4.5
-
-
28
-
35
-
42
ns
CL =15pF
5
-
11
-
-
-
-
-
ns
CL = 50pF
6
-
-
24
-
30
-
36
ns
Qn to Qn + 1
tPLH, tPHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
CL =15pF
5
-
4
-
-
-
-
-
ns
CL = 50pF
6
-
-
13
-
16
-
19
ns
MR to Qn
tPLH, tPHL CL = 50pF
2
-
-
170
-
215
-
255
ns
4.5
-
-
34
-
43
-
51
ns
5
-
14
-----
ns
6
-
-29-37
-43
ns
Output Transition Time
(Figure 1)
tTLH,tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-13-16
-19
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation
Capacitance (Notes 3, 4)
CPD
CL =15pF
5
-
40
-
-
-
-
-
pF
HCT TYPES
Propagation Delay
(Figure 1)
tPLH, tPHL CL = 50pF
4.5
-
-
40
-
50
-
60
ns
CP to Q1’ Output
CL =15pF
5
-
17
-
-
-
-
-
ns
Prerequisite for Switching Specifications
(Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
CD54HC4040, CD74HC4040, CD54HCT4040, CD74HCT4040


Similar Part No. - CD74HCT4040MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4040MT TI-CD74HCT4040MT Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD74HCT4040MTE4 TI-CD74HCT4040MTE4 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
More results

Similar Description - CD74HCT4040MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_08 Datasheet
470Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC393 TI-CD54HC393_08 Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC393 TI-CD74HC393 Datasheet
38Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual 4 -Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com