Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38D51G8-XXXHP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M38D51G8-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D51G8-XXXHP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M38D51G8-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38D51G8-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38D51G8-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38D51G8-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38D51G8-XXXHP Datasheet HTML 9Page - Renesas Technology Corp M38D51G8-XXXHP Datasheet HTML 10Page - Renesas Technology Corp M38D51G8-XXXHP Datasheet HTML 11Page - Renesas Technology Corp M38D51G8-XXXHP Datasheet HTML 12Page - Renesas Technology Corp M38D51G8-XXXHP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 141 page
background image
Rev.3.01
Aug 08, 2007
Page 9 of 134
REJ03B0158-0301
38D5 Group
PART NUMBERING
Fig. 4 Part numbering
Product M38D5 8 G 8 - XXX FP
Package type
FP: PRQP0080GB-A package
HP: PLQP0080KB-A package
ROM number
Omitted in the shipped in blank version.
ROM memory size
1 : 4096 bytes
9 : 36864 bytes
2 : 8192 bytes
A : 40960 bytes
3 : 12288 bytes
B : 45056 bytes
4 : 16384 bytes
C : 49152 bytes
5 : 20480 bytes
D : 53248 bytes
6 : 24576 bytes
E : 57344 bytes
7 : 28672 bytes
F : 61440 bytes
8 : 32768 bytes
The first 128 bytes and the last 2 bytes of ROM
are reserved areas ; they cannot be used.
Memory type
G : QzROM version
F : Flash memory version
RAM size
0 : 192 bytes
1 : 256 bytes
2 : 384 bytes
3 : 512 bytes
4 : 640 bytes
5 : 768 bytes
6 : 896 bytes
7 : 1024 bytes
8 : 1536 bytes
9 : 2048 bytes


Similar Part No. - M38D51G8-XXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38D51G8XXXFP RENESAS-M38D51G8XXXFP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D51G8XXXHP RENESAS-M38D51G8XXXHP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38D51G8-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com