Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA0676 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TEA0676
Description  Dual pre-amplifier and equalizer for reverse tape decks
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA0676 Datasheet(HTML) 3 Page - NXP Semiconductors

  TEA0676 Datasheet HTML 1Page - NXP Semiconductors TEA0676 Datasheet HTML 2Page - NXP Semiconductors TEA0676 Datasheet HTML 3Page - NXP Semiconductors TEA0676 Datasheet HTML 4Page - NXP Semiconductors TEA0676 Datasheet HTML 5Page - NXP Semiconductors TEA0676 Datasheet HTML 6Page - NXP Semiconductors TEA0676 Datasheet HTML 7Page - NXP Semiconductors TEA0676 Datasheet HTML 8Page - NXP Semiconductors TEA0676 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Oct 07
3
Philips Semiconductors
Product specification
Dual pre-amplifier and equalizer for
reverse tape decks
TEA0676T
BLOCK DIAGRAM
Fig.1 Block and application diagram.
handbook, full pagewidth
MGE862
180
Ω 10 µF
27 k
18 k
330 k
1 k
10
µF
10
µF
70
µs
120
µs
100
µF
470
pF
470
pF
180
10
µF
330 k
1 k
10
µF
470
pF
470
pF
EQ
AMPLIFIER
PRE-
AMPLIFIER
EQ
AMPLIFIER
PRE-
AMPLIFIER
POWER
SUPPLY
LOGIC
VCC
10 V
16
OUTB
EQSW
15
14
EQOUTB
EQINB
13
12
GND
INB1
11
10
HSW
INB2
9
8
INA2
Vref
7
6
INA1
5
4
EQINA
EQOUTA
3
2
n.c.
OUTA
1
equalizer
switch
head
switch
IN1
IN2
TEA0676T
8.2 k
10 nF
8.2 k
10 nF


Similar Part No. - TEA0676

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA0675 PHILIPS-TEA0675 Datasheet
337Kb / 32P
   Dual Dolby* B-type noise reduction circuit for playback applications
1996 Jun 07
TEA0675T PHILIPS-TEA0675T Datasheet
337Kb / 32P
   Dual Dolby* B-type noise reduction circuit for playback applications
1996 Jun 07
TEA0677 PHILIPS-TEA0677 Datasheet
147Kb / 13P
   Dual pre-amplifier and equalizer for reverse tape decks
August 1993
TEA0677T PHILIPS-TEA0677T Datasheet
147Kb / 13P
   Dual pre-amplifier and equalizer for reverse tape decks
August 1993
TEA0678 PHILIPS-TEA0678 Datasheet
319Kb / 28P
   Dual Dolby* B-type noise reduction circuit, automatic music search, with differential outputs and mute
1996 Jun 06
More results

Similar Description - TEA0676

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA0677T PHILIPS-TEA0677T Datasheet
147Kb / 13P
   Dual pre-amplifier and equalizer for reverse tape decks
August 1993
logo
Sony Corporation
CXA1579P SONY-CXA1579P Datasheet
494Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1597M SONY-CXA1597M Datasheet
411Kb / 22P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1578P SONY-CXA1578P Datasheet
496Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1598M SONY-CXA1598M Datasheet
502Kb / 26P
   Recording Equalizer Amplifier for Stereo Cassette Decks
logo
Unisonic Technologies
UTCTA7668BP UTC-UTCTA7668BP Datasheet
88Kb / 4P
   DUAL PRE-AMPLIFIER FOR TAPE RECORDER
TA7784P UTC-TA7784P Datasheet
206Kb / 4P
   DUAL PRE-AMPLIFIER FOR AUTO-REVERSE
logo
New Japan Radio
NJM2067 NJRC-NJM2067 Datasheet
156Kb / 4P
   3V AUTO-REVERSE DUAL PRE-AMPLIFIER
logo
Sony Corporation
CXA1262N SONY-CXA1262N Datasheet
203Kb / 10P
   PRE-AMPLIFIER/ POWER-AMPLIFIER FOR TAPE RECORDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com