Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9911 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9911
Description  200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9911 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9911 Datasheet HTML 6Page - Maxim Integrated Products MAX9911 Datasheet HTML 7Page - Maxim Integrated Products MAX9911 Datasheet HTML 8Page - Maxim Integrated Products MAX9911 Datasheet HTML 9Page - Maxim Integrated Products MAX9911 Datasheet HTML 10Page - Maxim Integrated Products MAX9911 Datasheet HTML 11Page - Maxim Integrated Products MAX9911 Datasheet HTML 12Page - Maxim Integrated Products MAX9911 Datasheet HTML 13Page - Maxim Integrated Products MAX9911 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
200kHz, 4µA, Rail-to-Rail
I/O Op Amps with Shutdown
10
______________________________________________________________________________________
Power-Supply Considerations
The MAX9910–MAX9913 are optimized for single 1.8V
to 5.5V supply operation. A high amplifier power-supply
rejection ratio of 95dB (typ) allows the devices to be
powered directly from a battery, simplifying design and
extending battery life.
Power-Up Settling Time
The MAX9910–MAX9913 typically require 5µs after
power-up. Supply settling time depends on the supply
voltage, the value of the bypass capacitor, the output
impedance of the incoming supply, and any lead resis-
tance or inductance between components. Op-amp
settling time depends primarily on the output voltage
and is slew-rate limited. Figure 3 shows the MAX991_ in
a noninverting voltage follower configuration with the
input held at midsupply. The output settles in approxi-
mately 18µs for VDD = 3V (see the Typical Operating
Characteristics for power-up settling time).
Shutdown Mode
The MAX9911/MAX9913 feature active-low shutdown
inputs. The MAX9911/MAX9913 enter shutdown in 2µs
(typ) and exit in 30µs (typ). The amplifiers’ outputs are
in a high-impedance state in shutdown mode. Drive
SHDN low to enter shutdown. Drive SHDN high to
enable the amplifier. The MAX9913 dual-amplifier fea-
tures separate shutdown inputs. Shut down both ampli-
fiers for the lowest quiescent current.
Power-Supply Bypassing and Layout
To minimize noise, bypass VDD with a 0.1µF capacitor
to ground, as close to the pin as possible.
Good layout techniques optimize performance
by decreasing the amount of stray capacitance and
inductance to the op amps’ inputs and outputs.
Minimize stray capacitance and inductance by placing
external components close to the IC.
Figure 1. Rail-to-Rail Output Voltage Range
RAIL-TO-RAIL OUTPUT VOLTAGE RANGE
200
µs/div
IN_
3V
3V
0V
0V
1V/div
OUT_
1V/div
Figure 2. Using a Resistor to Isolate a Capacitive Load from
the Op Amp
MAX9910–
MAX9913
RISO
CL
RL
AV =
≈ 1V/V
RL
RL + RISO
Figure 3. Power-Up Test Configuration
MAX991_
100k
100k
OUT
IN-
IN+
0V
5.5V
VDD
VSS


Similar Part No. - MAX9911

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9911 MAXIM-MAX9911 Datasheet
2Mb / 6P
   Accommodates Easy-to-Use 0805 Components
Rev 0; 1/11
MAX9911EVKIT MAXIM-MAX9911EVKIT Datasheet
2Mb / 6P
   Accommodates Easy-to-Use 0805 Components
Rev 0; 1/11
MAX9911EVKIT++ MAXIM-MAX9911EVKIT+ Datasheet
2Mb / 6P
   Accommodates Easy-to-Use 0805 Components
Rev 0; 1/11
MAX9911EWT MAXIM-MAX9911EWT Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9911EWT++ MAXIM-MAX9911EWT+ Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
More results

Similar Description - MAX9911

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9914 MAXIM-MAX9914 Datasheet
502Kb / 15P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914_V01 Datasheet
838Kb / 12P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Linear Technology
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
3PEAK INC.
LMV321TP 3PEAK-LMV321TP Datasheet
1Mb / 18P
   40關A, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com