Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAIXF972MQCA4 Datasheet(PDF) 8 Page - Intel Corporation

Part # FAIXF972MQCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXF972MQCA4 Datasheet(HTML) 8 Page - Intel Corporation

Back Button FAIXF972MQCA4 Datasheet HTML 4Page - Intel Corporation FAIXF972MQCA4 Datasheet HTML 5Page - Intel Corporation FAIXF972MQCA4 Datasheet HTML 6Page - Intel Corporation FAIXF972MQCA4 Datasheet HTML 7Page - Intel Corporation FAIXF972MQCA4 Datasheet HTML 8Page - Intel Corporation FAIXF972MQCA4 Datasheet HTML 9Page - Intel Corporation FAIXF972MQCA4 Datasheet HTML 10Page - Intel Corporation FAIXF972MQCA4 Datasheet HTML 11Page - Intel Corporation FAIXF972MQCA4 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
8
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
75
Chapter 8.0, “Register Definitions - IEEE Base Registers”
- Table 40 “Register Set for IEEE Base Registers” changed.
- Table 41 “Control Register - Address 0, Hex 0” changed.
83
Chapter 9.0, “Register Definitions - Product-Specific Registers”.
- Table 50 “Register Set for Product-Specific Registers” changed.
- Table 54 “LED Configuration Register - Address 20, Hex 14” changed.
- Table 56 “Transmit Control Register - Address 30, Hex 1E”
90
Chapter 10.0, “Intel® LXT972M Transceiver Package Specifications”.
- Figure 35 “Intel® LXT972M Transceiver LQFP Package Specifications” changed.
Intel® LXT972M Transceiver Datasheet Revision 002
Revision Date: July 14, 2004
Page
Description
1
Text changed.
10
Figure 1 “Intel® LXT972M Transceiver Block Diagram” - Deleted ECL Driver from figure.
21
Section 5.1, “Introduction” - Text changed.
22
Section 5.2.1.1, “Twisted-Pair Interface” - Added text on MDI crossover.
23
Section 5.2.1.2, “Fault Detection and Reporting” - Text changed.
26
Section 5.3.2.1, “External Crystal/Oscillator” - Text changed.
30
Table 12 “Hardware Configuration Settings for Intel® LXT972M Transceiver” - Bit value for 0.8
changed.
33
Section 5.5.2, “Parallel Detection” - Text changed.
36
Section 5.6.2, “Transmit Enable” - Text changed.
37
Section 5.6.4, “Carrier Sense” - Text changed.
45
Section 5.7.3.1.1, “Preamble Handling” - Text changed.
47
Section 5.7.3.2.1, “Link” - Added text.
47
Section 5.7.3.2.2, “Link Failure Override” - Added text.
47
Section 5.7.3.2.4, “Receive Data Valid” - Text changed.
48
Section 5.7.3.3.2, “Polarity Correction” - Text changed.
53
Section 5.9.4, “LED Pulse Stretching” - Text changed.
80
Table 46 “Auto-Negotiation Next Page Transmit Register - Address 7, Hex 7” - Bits 7.10:0 and 7.13
changed.
80
Table 47 “Auto-Negotiation Link Partner Next Page Receive Register - Address 8, Hex 8” - Bits
8.18 and 8.10:0 changed.
85
Table 52 “LED Configuration Register - Address 20, Hex 14” - Bit 20.0 changed.
Intel® LXT972M Transceiver Datasheet Revision 001
Revision Date: July 2, 2004
Page
Description
-
Initial release of this document.
Intel
® LXT972M Transceiver Datasheet Revision 003
Revision Date: October 21, 2004
Page
Description


Similar Part No. - FAIXF972MQCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FAIXFEAD0QE000 INTEL-FAIXFEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFEAD0QE001 INTEL-FAIXFEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFEAD0SE000 INTEL-FAIXFEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFEAD0SE001 INTEL-FAIXFEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFECD0QE000 INTEL-FAIXFECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - FAIXF972MQCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com