Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9913EUB+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9913EUB+
Description  200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9913EUB+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9913EUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX9913EUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX9913EUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX9913EUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX9913EUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX9913EUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX9913EUB+ Datasheet HTML 10Page - Maxim Integrated Products MAX9913EUB+ Datasheet HTML 11Page - Maxim Integrated Products MAX9913EUB+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
200kHz, 4µA, Rail-to-Rail
I/O Op Amps with Shutdown
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 3V, VSS = VCM = 0V, RL to VDD / 2, TA = +25°C, unless otherwise noted.)
PERCENT OVERSHOOT
vs. CAPACITIVE LOAD
CLOAD (pF)
80
60
20
40
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
0
0
100
AV = 1V/V
RL = 1M
RL = 100k
RL = 10k
OUTPUT WAVEFORM WITH RISO
(CLOAD = 100pF, RISO = 6.2k
Ω)
MAX9910 toc30
20
µs/div
OUTPUT
50mV/div
IN+
50mV/div
AV = 1V/V
OUTPUT WAVEFORM WITHOUT RISO
(CLOAD = 100pF)
20
µs/div
MAX9910 toc31
OUTPUT
50mV/div
IN+
50mV/div
AV = 1V/V
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (kHz)
-4
-3
-2
-1
0
2
1
4
3
100
10
1
AV = +1V/V
VOUT = 2VP-P
CLOAD = 15pF
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (kHz)
100
10
-8
-6
-4
-2
0
2
4
6
8
10
-10
1
1000
AV = +1V/V
VOUT = 100mVP-P
CLOAD = 15pF


Similar Part No. - MAX9913EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9913EUB++ MAXIM-MAX9913EUB+ Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
More results

Similar Description - MAX9913EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9914 MAXIM-MAX9914 Datasheet
502Kb / 15P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914_V01 Datasheet
838Kb / 12P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Linear Technology
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
3PEAK INC.
LMV321TP 3PEAK-LMV321TP Datasheet
1Mb / 18P
   40關A, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com