Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD74HV1G08 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RD74HV1G08
Description  High-Voltage 2-input AND gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74HV1G08 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RD74HV1G08 Datasheet HTML 1Page - Renesas Technology Corp RD74HV1G08 Datasheet HTML 2Page - Renesas Technology Corp RD74HV1G08 Datasheet HTML 3Page - Renesas Technology Corp RD74HV1G08 Datasheet HTML 4Page - Renesas Technology Corp RD74HV1G08 Datasheet HTML 5Page - Renesas Technology Corp RD74HV1G08 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RD74HV1G08
Rev.1.00 Feb 20, 2007 page 4 of 5
Switching Characteristics
(CL = 50 pF , tr = tf = 5 ns)
Ta = –40 to 85°C
Item
Symbol
Vcc (V)
Min
Typ
Max
Unit
FROM
(Input)
TO
(Output)
10
15
85
15
10
60
20
10
50
25
10
40
Propagation delay time
tPLH
tPHL
30
10
35
ns
A or B
Y
10
8
30
15
7
25
20
6
20
25
5
17
Output rise / fall time
tTLH
tTHL
30
5
15
ns
A or B
Y
Test Circuit
Pulse
Generator
out
Z
= 50
Input
Output
VCC
Note: CL includes probe and jig capacitance.
RL = 10 MΩ
CL = 50 pF
Waveforms
Input
Output
90 %
50 %
10 %
50 %
tPLH
tPHL
5 V
0 V
VOH
VOL
90 %
50 %
10 %
50 %
tr
tf
Note: Input waveform : PRR = 1 MHz, duty cycle 50 %, tr
≤ 5 ns, tf ≤ 5 ns
tTLH
tTHL
90 %
10 %
90 %
10 %


Similar Part No. - RD74HV1G08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74HV1G00 RENESAS-RD74HV1G00 Datasheet
135Kb / 6P
   High-Voltage 2-input NAND gate
RD74HV1G00VSE RENESAS-RD74HV1G00VSE Datasheet
135Kb / 6P
   High-Voltage 2-input NAND gate
RD74HV1G02 RENESAS-RD74HV1G02 Datasheet
135Kb / 6P
   High-Voltage 2-input NOR gate
RD74HV1G02VSE RENESAS-RD74HV1G02VSE Datasheet
135Kb / 6P
   High-Voltage 2-input NOR gate
RD74HV1G04 RENESAS-RD74HV1G04 Datasheet
134Kb / 6P
   High-Voltage Single Inverter Buffer
More results

Similar Description - RD74HV1G08

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4081B INTEGRAL-IW4081B Datasheet
103Kb / 4P
   Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4081B KODENSHI-KK4081B Datasheet
220Kb / 5P
   Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4081B IKSEMICON-IW4081B Datasheet
158Kb / 5P
   Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS
logo
Renesas Technology Corp
RD74HV1G00 RENESAS-RD74HV1G00 Datasheet
135Kb / 6P
   High-Voltage 2-input NAND gate
RD74HV1G02 RENESAS-RD74HV1G02 Datasheet
135Kb / 6P
   High-Voltage 2-input NOR gate
RD74HV1G32 RENESAS-RD74HV1G32 Datasheet
135Kb / 6P
   High-Voltage 2-input OR gate
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08_14 Datasheet
173Kb / 7P
   Low Voltage Quad 2-Input AND Gate
74LVX08 FAIRCHILD-74LVX08_08 Datasheet
307Kb / 8P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08 ONSEMI-74LVX08 Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com