Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16178FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA16178FP
Description  Power Factor Correction Controller IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16178FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA16178FP Datasheet HTML 1Page - Renesas Technology Corp HA16178FP Datasheet HTML 2Page - Renesas Technology Corp HA16178FP Datasheet HTML 3Page - Renesas Technology Corp HA16178FP Datasheet HTML 4Page - Renesas Technology Corp HA16178FP Datasheet HTML 5Page - Renesas Technology Corp HA16178FP Datasheet HTML 6Page - Renesas Technology Corp HA16178FP Datasheet HTML 7Page - Renesas Technology Corp HA16178FP Datasheet HTML 8Page - Renesas Technology Corp HA16178FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
HA16178P/FP
REJ03D0903-0100 Rev.1.00 Jun 12, 2007
Page 3 of 24
Block Diagram
Gate Driver
± 1.0 A (PEAK)
5 V Internal Bias
VCC
IAC
CS
CAO
PGND
FB
EO
OUT
27.5 V
5 V VREF
Generator
PFC-ON
0.1
µ
VREF
UVL
PFC-DT
RAMP
RT
K = 0.20
K = 0.05
B+OVP
PFC-OFF
25
µA
SS
CT
Oscillator
65 kHz
15.4
µs
770 ns
0.65 V
3.6 V
VAMP
Gain
Select
FB LOW
VREF
GOOD
VREF
GOOD
In
Out
CLIMIT
3.3 k
55 k
CAMP
VREF
IMO = K
× {IAC × (VEO – 1 V)}
IMO
IAC
2.5 V
K
0.30 V
0.50 V
VREF
1.75 V
1.60 V
2.688 V
2.638 V
VREF
SS
Gain
Selector
UVLO
H
L
10.5 V
9.0 V
R
S
Q
Q
R
S
Q
Q
6
1
15
2
SGND
3
16
9
10
7
12
8
14
13
5


Similar Part No. - HA16178FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16174 RENESAS-HA16174 Datasheet
103Kb / 1P
   Renesas PFC Control IC for Digital-TV
HA16174FP RENESAS-HA16174FP Datasheet
352Kb / 37P
   Power Factor Correction Controller IC
HA16174P RENESAS-HA16174P Datasheet
352Kb / 37P
   Power Factor Correction Controller IC
More results

Similar Description - HA16178FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP Datasheet
308Kb / 41P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
HA16174P RENESAS-HA16174P Datasheet
352Kb / 37P
   Power Factor Correction Controller IC
R2A20115SP RENESAS-R2A20115SP_15 Datasheet
144Kb / 10P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_15 Datasheet
139Kb / 10P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ-E ROHM-BD7690FJ-E Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20115SP RENESAS-R2A20115SP Datasheet
128Kb / 8P
   Power Factor Correction Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com