Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1064A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA1064A
Description  Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1064A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA1064A Datasheet HTML 2Page - NXP Semiconductors TEA1064A Datasheet HTML 3Page - NXP Semiconductors TEA1064A Datasheet HTML 4Page - NXP Semiconductors TEA1064A Datasheet HTML 5Page - NXP Semiconductors TEA1064A Datasheet HTML 6Page - NXP Semiconductors TEA1064A Datasheet HTML 7Page - NXP Semiconductors TEA1064A Datasheet HTML 8Page - NXP Semiconductors TEA1064A Datasheet HTML 9Page - NXP Semiconductors TEA1064A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
March 1994
6
Philips Semiconductors
Product specification
Low voltage versatile telephone transmission circuit
with dialler interface and transmit level dynamic limiting
TEA1064A
FUNCTIONAL DESCRIPTION
Supplies VCC1, VCC2, LN, SLPE, REG and STAB (Fig.3)
Power for the TEA1064A and its peripheral circuits is
usually obtained from the telephone line. The IC develops
its own supply voltage at VCC1 and regulates its voltage
drop. The internal supply requires a decoupling capacitor
between VCC1 and VEE. The internal current stabilizer is
set by a 3.6 k
Ω resistor between STAB and VEE.
The DC current flowing into the set is determined by the
exchange supply voltage Vexch, the feeding bridge
resistance Rexch, the subscriber line DC resistance Rline
and the DC voltage (including polarity guard) on the
subscriber set (see Fig.3).
The internal voltage regulator generates a
temperature-compensated reference voltage that is
available between VCC2 and SLPE
[Vref =VCC2-SLPE = 3.3 V (typ.)]. This internal voltage
regulator requires decoupling by a capacitor between REG
and VEE (C3).
The reference voltage can be used to:
• regulate directly the line voltage (stabilized
VLN-SLPE =VCC2-SLPE)(1)
• to stabilize the supply voltage for peripherals.
Regulated line voltage
In this application the VCC2 pin is connected to the LN pin
as shown in Fig.3. This configuration gives a stabilized
voltage across pins LN and SLPE which, applied via the
low-pass filter R16, C15, provides a supply to the
peripherals that is independent of the line current and
depends only on the peripheral supply current.
The value of R16 and the level of the DC voltage VLN-SLPE
determine the supply capabilities. In the basic application
R16 = 392
Ω and C15 = 220 µF. The worst-case
peripheral supply current as a function of supply voltage is
shown in Fig.4. To increase the supply capabilities, the DC
voltage VLN-SLPE can be increased by using RVA(REG-SLPE)
or by decreasing the value of R16.
(1) The TEA1064A application with regulated line voltage is the
same as is used for TEA1060/TEA1061, TEA1067 and
TEA1068 integrated circuits.
Fig.3 Application with regulated line voltage (stabilized VLN-SLPE).
The voltage VLN-SLPE is fixed to Vref = 3.3 ± 0.25 V. Resistor R16 together with the
line current determine the supply capabilities and the maximum output swing on
the line (no loop damping is necessary).
The line voltage VLN =Vref + ([Iline − 1.55 mA] × R9).
handbook, full pagewidth
MGR058
Rexch
Rline
Iline
Vexch
DC
AC
17
REG
C3
R5
R9
10
STAB
20
SLPE
LN
1
VCC1
16
19 VCC2
11
VEE
0.25 mA
R1
ISLPE
ICC1
R16
C1
C15
peripheral
circuits
Vp
Ip
TEA1064A
Ip + 0.25 mA


Similar Part No. - TEA1064A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1064B PHILIPS-TEA1064B Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1064BT PHILIPS-TEA1064BT Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
More results

Similar Description - TEA1064A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1064B PHILIPS-TEA1064B Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com