Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMR1U-02M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMR1U-02M
Description  SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1.0 AMP, 100 THRU 1000 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMR1U-02M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMR1U-02M Datasheet HTML 1Page - Central Semiconductor Corp CMR1U-02M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
CMR1U
CMR1U
CMR1U
CMR1U CMR1U
-01M
-02M
-04M
-06M
-10M
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
200
400
600
1000
V
DC Blocking Voltage
VR
100
200
400
600
1000
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
700
V
Average Forward Current(TA=75°C)
IO
1.0
A
Peak Forward Surge Current (8.3ms)
IFSM
30
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +175
°C
Thermal Resistance
ΘJL
30
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=Rated VRRM
5.0
µA
VF
IF=1.0A, (CMR1U-01M, CMR1U-02M)
1.00
V
VF
IF=1.0A, (CMR1U-04M)
1.25
V
VF
IF=1.0A, (CMR1U-06M)
1.40
V
VF
IF=1.0A, (CMR1U-10M)
1.70
V
trr
IF=0.5A, IR=1.0A, Recover to 0.25A (CMR1U-01M, -02M)
35
ns
trr
IF=0.5A, IR=1.0A, Recover to 0.25A (CMR1U-04M)
50
ns
trr
IF=0.5A, IR=1.0A, Recover to 0.25A (CMR1U-06M)
75
ns
trr
IF=0.5A, IR=1.0A, Recover to 0.25A (CMR1U-10M)
100
ns
CMR1U-01M
CMR1U-02M
CMR1U-04M
CMR1U-06M
CMR1U-10M
SURFACE MOUNT
ULTRA FAST RECOVERY SILICON
RECTIFIER
1.0 AMP, 100 THRU 1000 VOLTS
SMA CASE
Central
Semiconductor Corp.
TM
R3 (14-November 2002)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1.0 Amp Surface Mount Ultra Fast Recovery Silicon Rectifier is a
high quality, well constructed, highly reliable component designed for use in all types of commercial,
industrial, entertainment, computer, and automotive applications where small size is required. The SMA
case occupies 30% less board space than the SMB case. To order devices on 12mm Tape and Reel
(5000/13" Reel), add TR13 suffix to part number.
MARKING CODE: SEE MARKING CODE TABLE ON FOLLOWING PAGE
FEATURES:
• SUPERmini™ CASE
• LOW COST
• HIGH RELIABILITY
• GLASS PASSIVATED CHIP
• SPECIAL SELECTIONS AVAILABLE
• SUPERIOR LOT TO LOT CONSISTENCY
• "C" BEND CONSTRUCTION PROVIDES STRAIN
RELIEF WHEN MOUNTED ON PC BOARD


Similar Part No. - CMR1U-02M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1U-02M CENTRAL-CMR1U-02M Datasheet
86Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 1.0 AMP, 100 THRU 600 VOLTS
CMR1U-02M CENTRAL-CMR1U-02M Datasheet
284Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 100 THRU 1000 VOLTS
CMR1U-02M CENTRAL-CMR1U-02M Datasheet
301Kb / 3P
   ULTRA FAST RECOVERY RECTIFIERS
More results

Similar Description - CMR1U-02M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1U-01 CENTRAL-CMR1U-01 Datasheet
118Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 1.0 AMP,100 THRU 1000 VOLTS
CMR1U-01M CENTRAL-CMR1U-01M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 100 THRU 1000 VOLTS
CMR2U-01 CENTRAL-CMR2U-01_10 Datasheet
296Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 2 AMP, 100 THRU 1000 VOLTS
CMR2U-7 CENTRAL-CMR2U-7 Datasheet
296Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 2 AMP, 100 THRU 1000 VOLTS
CMR3U-01M CENTRAL-CMR3U-01M Datasheet
219Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS
CMR1U-01 CENTRAL-CMR1U-01_10 Datasheet
296Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 100 THRU 1000 VOLTS
CMR1U-2 CENTRAL-CMR1U-2 Datasheet
303Kb / 2P
   SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS 1 AMP, 100 THRU 1000 VOLTS
CMR1U-01M CENTRAL-CMR1U-01M Datasheet
86Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 1.0 AMP, 100 THRU 600 VOLTS
CMR3U-01 CENTRAL-CMR3U-01 Datasheet
116Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS
logo
Solid States Devices, I...
SLC4-1B SSDI-SLC4-1B Datasheet
193Kb / 2P
   1 AMP ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER 100 - 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com