Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD3880B2-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD3880B2-G
Description  4-Channel Low-Noise Amplifi er
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD3880B2-G Datasheet(HTML) 2 Page - Supertex, Inc

  MD3880B2-G Datasheet HTML 1Page - Supertex, Inc MD3880B2-G Datasheet HTML 2Page - Supertex, Inc MD3880B2-G Datasheet HTML 3Page - Supertex, Inc MD3880B2-G Datasheet HTML 4Page - Supertex, Inc MD3880B2-G Datasheet HTML 5Page - Supertex, Inc MD3880B2-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
MD3880
Ordering Information
Device
Package Option
84-Lead BCC+
7x7mm body,
0.80mm height (max.),
0.50mm pitch
MD3880
MD3880B2-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
DD, positive supply
-0.5V to +3.5V
V
IN, any input pin voltage range
-0.5V to V
DD
Operating temperature
-40°C to +85°C
Storage temperature
-65°C to +150°C
Power dissipation
2.0W
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Operating Supply Voltages
(Over operating conditions unless otherwise specified, V
DD = +2.5V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
DD
Power supply
2.375
2.5
2.625
V
T
A = -40°C to +85°C
I
DDQ
V
DD supply current
-
-
45
mA
Power down, PDC=1, total of all channels
I
DD
V
DD supply current
-
75
-
mA
PDC = 0
PWR
Power dissipation
-
700
-
mW
Total of all channels
-
175
-
mW
Per channel
PSRR
PSRR
-
-60
-
dB
f = 100kHz
Logic Data and Clock Inputs Characteristics
(Over operating conditions unless otherwise specified, V
DD = +2.5V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
IH
Input logic high voltage
0.8V
DD
-V
DD
V
---
V
IL
Input logic low voltage
0
-
0.2V
DD
V
---
I
IH
Input logic high current
-
-
1.0
µA
---
I
IL
Input logic low current
-1.0
-
-
µA
---
C
IN
Input logic pin capacitance
-
10
-
pF
---
A44
B40
B32
A35
A22
B20
A13
B12
A12
B11
A1
B1
A23
B21
A34
B31
Pin A1
Mark
84-Lead BCC+
(Top View)
Product Marking
YYWW
MD3880B2
LLLLLLLLL
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Pin Configuration
84-Lead BCC+ Package


Similar Part No. - MD3880B2-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD3872 SUTEX-MD3872 Datasheet
1Mb / 24P
   Low Power, Low Noise Ultrasound Receive Front-End Eight-Channels of LNA, VGA, AAF, CPS & 12-Bit, 50MHz ADCs
MD3872DB1 SUTEX-MD3872DB1 Datasheet
1Mb / 13P
   MD3872 Front-End Ultrasound Receiver Demoboard
MD3872HF-G SUTEX-MD3872HF-G Datasheet
1Mb / 24P
   Low Power, Low Noise Ultrasound Receive Front-End Eight-Channels of LNA, VGA, AAF, CPS & 12-Bit, 50MHz ADCs
More results

Similar Description - MD3880B2-G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
logo
Sanyo Semicon Device
MCH4014 SANYO-MCH4014 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
Sanyo Semicon Device
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com