Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1068 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA1068
Description  Versatile telephone transmission circuit with dialler interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1068 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1068 Datasheet HTML 7Page - NXP Semiconductors TEA1068 Datasheet HTML 8Page - NXP Semiconductors TEA1068 Datasheet HTML 9Page - NXP Semiconductors TEA1068 Datasheet HTML 10Page - NXP Semiconductors TEA1068 Datasheet HTML 11Page - NXP Semiconductors TEA1068 Datasheet HTML 12Page - NXP Semiconductors TEA1068 Datasheet HTML 13Page - NXP Semiconductors TEA1068 Datasheet HTML 14Page - NXP Semiconductors TEA1068 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1996 Apr 23
11
Philips Semiconductors
Product specification
Versatile telephone transmission circuit
with dialler interface
TEA1068
Transmitting amplifier output LN
VLN(rms)
output voltage (RMS value)
Iline =15mA
THD = 2%
1.9
2.3
V
THD = 10%
2.6
V
Vno(rms)
noise output voltage (RMS value)
Iline = 15 mA; R7 = 68 kΩ;
200
Ω between MIC− and
MIC+; psophometrically
weighted (P53 curve)
−−72
dBmp
Receiving amplifier input IR
Zi
input impedance
17
21
25
k
Receiving amplifier outputs QR+ and QR
Z
o
output impedance
single ended
4
−Ω
Gv
voltage gain from IR to QR+ or
QR
Iline =15mA
RL (from QR+ or
QR
−) = 300 Ω; single-ended
24
25
26
dB
RL (from QR+ or
QR
−) = 600 Ω; differential
30
31
32
dB
∆G
vf
gain variation with frequency at
f = 300 Hz and f = 3400 Hz
with respect to 800 Hz
−0.5
−0.2
0
dB
∆GvT
gain variation with temperature at
Tamb =−25 °C and +75 °C
Iline =50mA;
with respect to 25
°C;
without R6
−±0.2
dB
Vo(rms)
output voltage (RMS value)
sine wave drive; Iline = 15 mA;
Ip = 0 mA; THD = 2%;
R4 = 100 k
single-ended; RL = 150 Ω
0.3
0.38
V
single-ended; RL = 450 Ω
0.4
0.52
V
differential; f = 3400 Hz;
Rseries = 100 Ω; CL =47nF
0.8
1.0
V
Vno(rms)
noise output voltage (RMS value)
Iline = 15 mA; R4 = 100 kΩ;
IR open-circuit
psophometrically weighted
(P53 curve)
single-ended; RL = 300 Ω−
50
−µV
differential; RL = 600 Ω−
100
−µV
Gain adjustment GAR
∆Gv
gain variation of receiving amplifier
achievable by varying R4 between
GAR and QR
−8
+8
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TEA1068

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
TEA1061 ETC-TEA1061 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062A PHILIPS-TEA1062A Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062AM1 PHILIPS-TEA1062AM1 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
More results

Similar Description - TEA1068

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com