Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSC34063 Datasheet(PDF) 5 Page - GTM CORPORATION

Part # GSC34063
Description  DC TO DC CONVERTER CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC34063 Datasheet(HTML) 5 Page - GTM CORPORATION

  GSC34063 Datasheet HTML 1Page - GTM CORPORATION GSC34063 Datasheet HTML 2Page - GTM CORPORATION GSC34063 Datasheet HTML 3Page - GTM CORPORATION GSC34063 Datasheet HTML 4Page - GTM CORPORATION GSC34063 Datasheet HTML 5Page - GTM CORPORATION GSC34063 Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
ISSUED DATE :2003/05/27
REVISED DATE :2005/08/10E
Step-Down Converter
Test
Conditions
Results
Line Regulation
Vin = 15V to 25V, Io = 50mA
12mV = ± 0.12%
Load Regulation
Vin = 25V, Io = 50mA to 500mA
3mV = ± 0.03%
Output Ripple
Vin = 25V,Io = 500mA
120mVp-p
Short Circuit Current
Vin = 25V, RL = 0.1
1.1A
Efficiency
Vin = 25V, Io = 500mA
83.7%
Output Ripple With Optional Filter Vin = 25V, Io = 500mA
40mVp-p
External Current Boost Connections for Ic Peak Greater than 1.5A
External NPN Switch
External PNP Saturated Switch


Similar Part No. - GSC34063

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GSC351-HYB1900 NXP-GSC351-HYB1900 Datasheet
673Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 5/2010
logo
Freescale Semiconductor...
GSC355-HYB2150 FREESCALE-GSC355-HYB2150 Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
GSC355-HYB2150 NXP-GSC355-HYB2150 Datasheet
784Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 5/2012
GSC362-HYB0900 NXP-GSC362-HYB0900 Datasheet
393Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 11/2009
logo
GTM CORPORATION
GSC3842 GTM-GSC3842 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
More results

Similar Description - GSC34063

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC33063A UTC-UC33063A_15 Datasheet
459Kb / 9P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com