Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG200F6ES61 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # MG200F6ES61
Description  Six IGBTMOD??Compact IGBT Series Module 200 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

MG200F6ES61 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  MG200F6ES61 Datasheet HTML 1Page - Powerex Power Semiconductors MG200F6ES61 Datasheet HTML 2Page - Powerex Power Semiconductors MG200F6ES61 Datasheet HTML 3Page - Powerex Power Semiconductors MG200F6ES61 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
MG200J6ES61
Six IGBTMOD™
Compact IGBT Series Module
200 Amperes/600 Volts
3
5/05
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
0
5
10
15
20
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
OUTPUT CHARACTERISTICS
(TYPICAL)
100
200
300
400
0
500
100
200
300
400
0
500
102
101
100
0
250
200
100
150
50
12
6
0
2
4
8
10
0
3.5
2.0 2.5 3.0
1.0
0.5
1.5
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
Tj = 25°C
8
6
4
2
0
14
12
10
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
0
100
200
300
400
500
Tj = 25°C
Tj = 125°C
Tj = -40°C
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING LOSS (OFF) VS.
COLLECTOR CURRENT
(TYPICAL)
VGE = 15V
Tj = 25°C
Tj = 125°C
FREE-WHEEL DIODE CHARACTERISTICS
(TYPICAL)
0
3.5
2.5 3.0
1.0 1.5 2.0
0.5
FORWARD VOLTAGE, VF, (VOLTS)
VGE = 0V
Tj = 25°C
Tj = 125°C
Tj = -40°C
IC = 400A
IC = 200A
IC = 100A
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
0
5
10
15
20
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
12
6
0
2
4
8
10
Tj = 125°C
IC = 400A
IC = 200A
IC = 100A
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
0
5
10
15
20
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
12
6
0
2
4
8
10
Tj = -40°C
IC = 400A
IC = 200A
IC = 100A
VCE = 5V
VCC = 300V
VGE = ±15V
RG = 10Ω
Tj = 25°C
Tj = 125°C
102
101
100
0
250
200
100
150
50
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING LOSS (ON) VS.
COLLECTOR CURRENT
(TYPICAL)
VCC = 300V
VGE = ±15V
RG = 10Ω
Tj = 25°C
Tj = 125°C
100
102
101
SWITCHING LOSS (OFF) VS.
GATE RESISTANCE
(TYPICAL)
0
25
15
20
10
5
GATE RESISTANCE, RG, ()
VCC = 300V
VGE = ±15V
RG = 10Ω
Tj = 25°C
Tj = 125°C


Similar Part No. - MG200F6ES61

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG200 ETC-MG200 Datasheet
63Kb / 2P
   EnFlex MG-200 Control Server Gateway
MG200 ETC-MG200 Datasheet
36Kb / 1P
   2400 MHz Mobile Antenna
logo
MicroPower Direct, LLC
MG200E MPD-MG200E Datasheet
324Kb / 2P
   MG200xE SERIES
MG200EI MPD-MG200EI Datasheet
347Kb / 2P
   MG200xEI SERIES
logo
Toshiba Semiconductor
MG200H1AL2 TOSHIBA-MG200H1AL2 Datasheet
476Kb / 5P
   (DISCRETE/OPTO)
More results

Similar Description - MG200F6ES61

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
MG200J6ES61 POWEREX-MG200J6ES61 Datasheet
222Kb / 4P
   Six IGBTMOD??Compact IGBT Series Module 200 Amperes/600 Volts
CM200TU-12H POWEREX-CM200TU-12H Datasheet
76Kb / 4P
   Six IGBTMOD 200 Amperes/600 Volts
CM100TF-12H POWEREX-CM100TF-12H Datasheet
66Kb / 4P
   Six-IGBT IGBTMOD 100 Amperes/600 Volts
CM50TF-12H POWEREX-CM50TF-12H Datasheet
59Kb / 4P
   Six-IGBT IGBTMOD 50 Amperes/600 Volts
CM75TF-12H POWEREX-CM75TF-12H Datasheet
67Kb / 4P
   Six-IGBT IGBTMOD 75 Amperes/600 Volts
CM15TF-12H POWEREX-CM15TF-12H Datasheet
61Kb / 4P
   Six-IGBT IGBTMOD 15 Amperes/600 Volts
CM20TF-12H POWEREX-CM20TF-12H Datasheet
61Kb / 4P
   Six-IGBT IGBTMOD 20 Amperes/600 Volts
CM200RX-12A POWEREX-CM200RX-12A Datasheet
581Kb / 6P
   Six IGBTMOD Brake NX-Series Module 200 Amperes/600 Volts
CM30TF-12H POWEREX-CM30TF-12H Datasheet
61Kb / 4P
   Six-IGBT IGBTMOD 30 Amperes/600 Volts
CM150TF-12H POWEREX-CM150TF-12H Datasheet
63Kb / 4P
   Six-IGBT IGBTMOD 150 Amperes/600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com