Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDRC1641680SE04 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # MDRC1641680SE04
Description  Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

MDRC1641680SE04 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  MDRC1641680SE04 Datasheet HTML 1Page - Vaishali Semiconductor MDRC1641680SE04 Datasheet HTML 2Page - Vaishali Semiconductor MDRC1641680SE04 Datasheet HTML 3Page - Vaishali Semiconductor MDRC1641680SE04 Datasheet HTML 4Page - Vaishali Semiconductor MDRC1641680SE04 Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MDRC
Resistor/Capacitor Networks, Dual-In-Line,
Molded DIP, 16 Pin
Vishay Dale
Document Number: 31524
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 09-Jan-07
63
DIMENSIONS in inches [millimeters]
RESISTANCE VALUE IN OHMS (G TOLERANCE)
MDRC1641
50, 68, 75, 100
MDRC1643
R1
R2
Zo
81
130
50
MDRC1642
510
121
195
75
162
260
100
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MDRC
Operating Voltage (at + 25 °C)
VAC
50 maximum
Capacitor Dissipation Factor
%
< 3
Voltage Coefficient of Resistance (typical)
ppm/V
< 50
Operating Temperature Range
°C
- 30 to + 85 °C
Storage Temperature Range
°C
- 30 to + 85 °C
MECHANICAL SPECIFICATIONS
Marking Resistance to Solvents
Permanency testing per MIL-STD-202, Method 215
Solderability
Per MIL-STD-202, Method 208E
Terminals
Copper alloy, solder plated
Body
Molded epoxy
Weight
1.5 grams
Pin #1
0.310
± 0.010
[7.87
± 0.254]
0.250
± 0.005
[6.35
± 0.127]
0.700
± 0.010
[17.78
± 0.254]
0.100
± 0.010
[2.54
± 0.254]
Non-Accumulative Tol.
7 Spaces
0.850
± 0.010
[21.59
± 0.254]
0.018
± 0.003
[0.457
± 0.076]
0.030
[0.762] Typ.
0.050
± 0.005
[1.27
± 0.127]
0.075
± 0.015
[1.90
± 0.381]
0.010 + 0.005
- 0.002
[0.254 + 0.127
- 0.051]
0.150
± 0.005
[3.81
± 0.127]
0.130 + 0.015
- 0.010
[3.30 + 0.381
- 0.254]
0.290 [7.37] Min.
0.320 [8.13] Nom.
0.360 [9.14] Max.
Pin #1
Identification


Similar Part No. - MDRC1641680SE04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDRC1641680SE04 VISHAY-MDRC1641680SE04 Datasheet
330Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Revision: 09-Jan-07
More results

Similar Description - MDRC1641680SE04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDRC VISHAY-MDRC Datasheet
330Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Revision: 09-Jan-07
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision 08-Sep-04
TDP VISHAY-TDP Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com