Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1083 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA1083
Description  Call progress monitor for line powered telephone sets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1083 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA1083 Datasheet HTML 2Page - NXP Semiconductors TEA1083 Datasheet HTML 3Page - NXP Semiconductors TEA1083 Datasheet HTML 4Page - NXP Semiconductors TEA1083 Datasheet HTML 5Page - NXP Semiconductors TEA1083 Datasheet HTML 6Page - NXP Semiconductors TEA1083 Datasheet HTML 7Page - NXP Semiconductors TEA1083 Datasheet HTML 8Page - NXP Semiconductors TEA1083 Datasheet HTML 9Page - NXP Semiconductors TEA1083 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
March 1994
6
Philips Semiconductors
Product specification
Call progress monitor for line powered
telephone sets
TEA1083; TEA1083A
The circuit stabilizes its own supply voltage at VBB.
Transistor TR1 provides the supplies for the internal
circuits. Transistor TR2 is used to minimize signal
distortion on the line by momentarily diverting the input
current to VSS whenever the instantaneous value of the
voltage at VSUP drops below the supply voltage VBB. VBB is
fixed to a typical value of 2.95 V.
The supply at VBB is decoupled with respect to VSS by a
220
µF capacitor (C20).
The DC voltage (VSUP − VSS) is determined by the
transmission IC and Vint; thus
VSUP − VSS = VLN−SLPE + Vint.
The reference voltage of the transmission IC has to be
adjusted to a level where VSUP − VBB (max) is greater than
400 mV. The minimum voltage space between SUP and
VBB (400 mV) is required to maintain a 'high' efficiency of
the internal supply for mean speech levels. VBB (max) is the
specified maximum level.
The internal current consumption of the TEA1083/83A
(ISUP0) is typically 2.5 mA (where VSUP − VSS = 3.6 V).
The current ISUP0 consists of currents IBIAS (approximately
0.4 mA) for the circuitry connected to SUP and IBB0
(approximately 2.1 mA) for the internal circuitry connected
to VBB (see Fig.6).
LOUDSPEAKER AMPLIFIER (LSI1/LSI2 and QLS)
The TEA1083/83A has symmetrical inputs at LSI1 and
LSI2. The input signal is normally taken from the earpiece
output of the transmission circuit (see Fig.5) and/or from
the signal output of the DTMF generator via a resistive
attenuator.
The attenuation factor must be chosen in accordance with
the output levels from the transmission IC and/or DTMF
generator and, in accordance with the required output
power and permitted signal distortion from the
loudspeaker signal.
The output QLS drives the loudspeaker as a single-ended
load. The output stage has been optimized for use with a
50
Ω loudspeaker (e.g. Philips type AD2071). The
loudspeaker amplifier is enabled when the LSE input goes
HIGH. The gain of the amplifier is fixed at 35 dB.
Volume control of the loudspeaker signal can be obtained
by using a level control at the input (see Fig.5).
The maximum voltage swing at the QLS output is
VO(p-p) = 2.5 V (typical with 50 Ω load). The input level
VLSI is approximately 16 mV(rms) and the supply current
ISUP > 11 mA. In this condition the signal is limited by the
available voltage space (VBB). Higher input levels and/or
lower supply currents will result in an increase of the
harmonic distortion due to signal clipping.
With a limit of 2.5 V (p-p), the maximum output swing is
dependent on the supply current and loudspeaker
impedance. It can be approximated, for low distortions, by
the following equation:
VO(p-p) =2 × (ISUP − ISUPO) ×π× RLS
Where;
• VO(p-p) = the peak-to-peak level of the loudspeaker
• RLS = the loudspeaker impedance
• ISUPO = 2.5 mA (typ.)
POWER-DOWN INPUT (PD)
During pulse dialling or register recall (timed loop break)
the telephone line is interrupted, thereby breaking the
supply current to the transmission IC. The capacitor
connected to VBB provides the supply for the
TEA1083/83A during the supply breaks.
By making the PD input HIGH during the loop break, the
requirement on the capacitor is eased and, consequently,
the internal current consumption IBB0 (see Fig.5) is
reduced from 2.1 mA to 400
µA typically. Transistors TR1
and TR2 are inhibited during power-down and the bias
current is reduced from approximately 400
µA to
approximately 50
µA with VSUP = 3.6 V in the following
equation:
ISUP(PD) = IBIAS(PD) = (VSUP − 2Vd)/Ra
Where 3.6
< VSUP < VBB + 3V
2Vd is the voltage drop across 2 internal diodes
(approximately 1.3 V)
Ra is an internal resistor (typical 50 k
Ω)
LOUDSPEAKER ENABLE INPUT (LSE)
The LSE input has a pull-down structure. It switches the
loudspeaker amplifier, in the monitoring condition, by
applying a HIGH level at the input. The amplifier is in the
standby condition when LSE is LOW (input open-circuit or
connected to VSS).


Similar Part No. - TEA1083

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1081 PHILIPS-TEA1081 Datasheet
77Kb / 16P
   Supply circuit with power-down for telephone set peripherals
September 1994
TEA1081T PHILIPS-TEA1081T Datasheet
77Kb / 16P
   Supply circuit with power-down for telephone set peripherals
September 1994
TEA1085 PHILIPS-TEA1085 Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
TEA1085A PHILIPS-TEA1085A Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
TEA1085AT PHILIPS-TEA1085AT Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
More results

Similar Description - TEA1083

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX623 ETC-MX623 Datasheet
59Kb / 6P
   Line-Powered Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
NXP Semiconductors
TEA1085 PHILIPS-TEA1085 Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
FX663 CMLMICRO-FX663 Datasheet
304Kb / 17P
   Call Progress Decoder
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com