Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2204C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAT2204C
Description  Silicon N Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2204C Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAT2204C Datasheet HTML 1Page - Renesas Technology Corp HAT2204C Datasheet HTML 2Page - Renesas Technology Corp HAT2204C Datasheet HTML 3Page - Renesas Technology Corp HAT2204C Datasheet HTML 4Page - Renesas Technology Corp HAT2204C Datasheet HTML 5Page - Renesas Technology Corp HAT2204C Datasheet HTML 6Page - Renesas Technology Corp HAT2204C Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS1180EJ0600 Rev.6.00
Page 1 of 6
Mar 19, 2014
Data Sheet
HAT2204C
Silicon N Channel MOS FET
Power Switching
Features
• Low on-resistance
RDS(on) = 26m
Ω typ.(at V
GS = 4.5 V)
• Low drive current
• High density mounting
• 1.8 V gate drive device
Outline
RENESAS Package code: PWSF0006JA-A
(Package name: CMFPAK - 6)
1. Source
2. Drain
3. Drain
4. Drain
5. Drain
6. Gate
1
2
3
6
5
4
G
D
S
6
1
5
D
2
D
3
D
4
Index band
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to Source voltage
VDSS
12
V
Gate to Source voltage
VGSS
±8
V
Drain current
ID
3.5
A
Drain peak current
ID (pulse)
Note1
14
A
Body - Drain diode reverse Drain current
IDR
3.5
A
Channel dissipation
Pch
Note2
900
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. When using the glass epoxy board (FR4 40 x 40 x 1.6mm)
R07DS1180EJ0600
(Previous: REJ03G0448-0500)
Rev.6.00
Mar 19, 2014


Similar Part No. - HAT2204C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2204C RENESAS-HAT2204C Datasheet
111Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2204C RENESAS-HAT2204C_15 Datasheet
111Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - HAT2204C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com