Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38D57FF-XXXHP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M38D57FF-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D57FF-XXXHP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M38D57FF-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38D57FF-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38D57FF-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38D57FF-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38D57FF-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38D57FF-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38D57FF-XXXHP Datasheet HTML 9Page - Renesas Technology Corp M38D57FF-XXXHP Datasheet HTML 10Page - Renesas Technology Corp M38D57FF-XXXHP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 141 page
background image
Rev.3.01
Aug 08, 2007
Page 7 of 134
REJ03B0158-0301
38D5 Group
PIN DESCRIPTION
Table 3
Pin description (1)
Pin
Name
Function
Function except a port function
VCC, VSS
Power source
• Apply power source voltage to VCC, and 0 V to VSS.
RESET
Reset input
• Reset input pin for active “L”.
XIN
Clock input
• Input and output pins for the main clock generating circuit.
• Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins to
set the oscillation frequency. When an external clock is used, connect the clock source to
XIN, and leave XOUT pin open.
• Feedback resistor is built in between XIN pin and XOUT pin.
XOUT
Clock output
VL1, VL2, VL3
LCD power
source
• Input 0
≤ VL1 ≤ VL2 ≤ VL3 voltage.
• Input 0
− VL3 voltage to LCD.
COM0
COM3
Common output
• LCD common output pins.
•COM2 and COM3 are not used at 1/2 duty ratio.
•COM3 is not used at 1/3 duty ratio.
COM4
/SEG35
COM7
/SEG32
Common output
Segment output
• LCD common/segment output pins.
P00/SEG8
P07/SEG15
I/O port P0
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be
individually programmed as either input or output.
• Pull-up control is enabled in a bit unit.
P10/SEG16
P17/SEG23
I/O port P1
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be
programmed as either input or output.
• Pull-up control is enabled in 4-bit unit.
P20/SEG0/(KW4)
P23/SEG3/(KW7)
I/O port P2
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be
individually programmed as either input or output.
• Pull-up control is enabled in a bit unit.
• Key input interrupt
input pins
P24/SEG4
P27/SEG7
P30/SEG24
P37/SEG31
I/O port P3
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be
individually programmed as either input or output.
• Pull-up control is enabled in 4-bit unit.
P40/RXD
P41/TXD
P42/SCLK1
P43/SRDY1
I/O port P4
• 8-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be
individually programmed as either input or output.
• Pull-up control is enabled in 4-bit unit.
• Serial I/O1 function pins
P44/SIN2/(KW0)
P45/SOUT2/(KW1)
P46/SCLK2/(KW2)
P47/SRDY2/(KW3)
• Serial I/O2
function pins
• Key input interrupt
input pins


Similar Part No. - M38D57FF-XXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38D57FFXXXFP RENESAS-M38D57FFXXXFP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D57FFXXXHP RENESAS-M38D57FFXXXHP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38D57FF-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com