Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDRC1641511SD04 Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # MDRC1641511SD04
Description  Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

MDRC1641511SD04 Datasheet(HTML) 4 Page - Vaishali Semiconductor

  MDRC1641511SD04 Datasheet HTML 1Page - Vaishali Semiconductor MDRC1641511SD04 Datasheet HTML 2Page - Vaishali Semiconductor MDRC1641511SD04 Datasheet HTML 3Page - Vaishali Semiconductor MDRC1641511SD04 Datasheet HTML 4Page - Vaishali Semiconductor MDRC1641511SD04 Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MDRC
Resistor/Capacitor Networks, Dual-In-Line,
Molded DIP, 16 Pin
Vishay Dale
Document Number: 31524
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 09-Jan-07
65
PERFORMANCE
TEST
CONDITIONS
MAX
ΔR
(Typical Test Lots)
Thermal Shock
MDRC1641 and MDRC1642, 5 cycles between - 30 °C and + 85 °C
MDRC1643, 5 cycles between - 65 °C and + 125 °C
± 0.50 %
ΔR
Short Time Overload
2.5 x rated working voltage 5 seconds
± 0.25 %
ΔR
Low Temperature Operation
MDRC1641 and MDRC1642, 45 minutes at full rated working voltage at - 30 °C
MDRC1643, 45 minutes at full rated working voltage at - 65 °C
± 0.25 %
ΔR
Moisture Resistance
240 hours with humidity ranging from 80 % RH to 98 % RH
± 0.50 %
ΔR
Resistance to Soldering Heat
Leads immersed in + 350 °C solder to within 1/16" of device body for 3 seconds
± 0.25 %
ΔR
Shock
Total of 18 shocks at 100 G's
± 0.25 %
ΔR
Vibration
12 hours at maximum of 20 G's between 10 and 2000 Hz
± 0.25 %
ΔR
Load Life
1000 hours at + 70 °C, rated power applied 1.5 hours “ON”, 0.5 hour “OFF” for full
1000 hour period. Derated according to the curve.
± 0.50 %
ΔR
Terminal Strength
4.5 pound pull for 30 seconds
± 0.25 %
ΔR
Insulation Resistance
10 000 Megohm (minimum)
-
Dielectric Withstanding Voltage
(200 VRMS for 1 minute)
-


Similar Part No. - MDRC1641511SD04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDRC1641511SD04 VISHAY-MDRC1641511SD04 Datasheet
330Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Revision: 09-Jan-07
More results

Similar Description - MDRC1641511SD04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDRC VISHAY-MDRC Datasheet
330Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Revision: 09-Jan-07
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision 08-Sep-04
TDP VISHAY-TDP Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com