Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38033ME-XXXSP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38033ME-XXXSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38033ME-XXXSP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38033ME-XXXSP Datasheet HTML 2Page - Renesas Technology Corp M38033ME-XXXSP Datasheet HTML 3Page - Renesas Technology Corp M38033ME-XXXSP Datasheet HTML 4Page - Renesas Technology Corp M38033ME-XXXSP Datasheet HTML 5Page - Renesas Technology Corp M38033ME-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M38033ME-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M38033ME-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M38033ME-XXXSP Datasheet HTML 9Page - Renesas Technology Corp M38033ME-XXXSP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 119 page
background image
Rev.1.00
Apr 2, 2007
Page 6 of 117
REJ03B0212-0100
3803 Group (Spec.L)
PIN DESCRIPTION
Table 2
Pin description
Pin
Name
Functions
Function except a port function
VCC, VSS
Power source
• Apply voltage of 1.8 V
− 5.5 V to VCC, and 0 V to VSS. In the flash memory version, apply
voltage of 2.7 V
− 5.5 V to VCC.
CNVSS
CNVSS input
• This pin controls the operation mode of the chip.
• Normally connected to VSS.
VREF
Reference
voltage
• Reference voltage input pin for A/D and D/A converters.
AVSS
Analog power
source
• Analog power source input pin for A/D and D/A converters.
• Connect to VSS.
RESET
Reset input
• Reset input pin for active “L”.
XIN
Main clock input
• Input and output pins for the clock generating circuit.
• Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
• When an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin
open.
XOUT
Main clock
output
P00/AN8
P07/AN15
I/O port P0
• 8-bit CMOS I/O port.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• CMOS compatible input level.
• CMOS 3-state output structure.
• Pull-up control is enabled in a bit unit.
•P20
− P27 (8 bits) are enabled to output large current for
LED drive.
• A/D converter input pin
P10/INT41
P11/INT01
I/O port P1
• Interrupt input pin
P12
−P17
P20(LED0)-
P27(LED7)
I/O port P2
P30/DA1
P31
/DA2
I/O port P3
• 8-bit CMOS I/O port.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• CMOS compatible input level.
•P30, P31, P34
− P37 are CMOS 3-state output structure.
•P32, P33 are N-channel open-drain output structure.
• Pull-up control of P30, P31, P34
− P37 is enabled in a bit unit.
• D/A converter input pin
P32, P33
P34/RXD3
P35/TXD3
P36/SCLK3
P37/SRDY3
• Serial I/O3 function pin
P40/INT40
/XCOUT
P41/INT00
/XCIN
I/O port P4
• 8-bit CMOS I/O port.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• CMOS compatible input level.
• CMOS 3-state output structure.
• Pull-up control is enabled in a bit unit.
• Interrupt input pin
• Sub-clock generating I/O pin
(resonator connected)
P42/INT1
P43/INT2
• Interrupt input pin
P44/RXD1
P45/TXD1
P46/SCLK1
• Serial I/O1 function pin
P47/SRDY1/CNTR2
• Serial I/O1, timer Z function pin
P50/SIN2
P51/SOUT2
P52/SCLK2
P53/SRDY2
I/O port P5
• Serial I/O2 function pin
P54/CNTR0
• Timer X function pin
P55/CNTR1
• Timer Y function pin
P56/PWM
• PWM output pin
P57/INT3
• Interrupt input pin
P60/AN0
P67/AN7
I/O port P6
• A/D converter input pin


Similar Part No. - M38033ME-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38033ME-XXXSP RENESAS-M38033ME-XXXSP Datasheet
2Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38033ME-XXXSP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com