Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1094 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TEA1094
Description  Hands free IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1094 Datasheet(HTML) 3 Page - NXP Semiconductors

  TEA1094 Datasheet HTML 1Page - NXP Semiconductors TEA1094 Datasheet HTML 2Page - NXP Semiconductors TEA1094 Datasheet HTML 3Page - NXP Semiconductors TEA1094 Datasheet HTML 4Page - NXP Semiconductors TEA1094 Datasheet HTML 5Page - NXP Semiconductors TEA1094 Datasheet HTML 6Page - NXP Semiconductors TEA1094 Datasheet HTML 7Page - NXP Semiconductors TEA1094 Datasheet HTML 8Page - NXP Semiconductors TEA1094 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1996 Jul 15
3
Philips Semiconductors
Product specification
Hands free IC
TEA1094; TEA1094A
QUICK REFERENCE DATA
VBB =5V; VGND = 0 V; f = 1 kHz; Tamb =25 °C; MUTET = LOW; PD = LOW (TEA1094A only); RL =50 Ω; RVOL =0 Ω;
measured in test circuit of Fig.12; unless otherwise specified.
Note
1. Corresponds to 200 mW output power.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VBB
supply voltage
3.3
12.0
V
IBB
current consumption from pin VBB
3.1
4.4
mA
Gvtx
voltage gain from pin MIC to
pin MOUT in transmit mode
VMIC = 1 mV (RMS);
RGAT = 30.1 kΩ
13
15.5
18
dB
∆Gvtxr
voltage gain adjustment with RGAT
−15.5
+15.5
dB
Gvrx
voltage gain in receive mode; the
difference between RIN1 and RIN2
to LSP
VRIN = 20 mV (RMS);
RGAR = 66.5 kΩ;
RL =50 Ω
16
18.5
21
dB
∆G
vrxr
voltage gain adjustment with RGAR
−18.5
+14.5
dB
VO(p-p)
output voltage (peak-to-peak value)
VRIN = 150 mV (RMS);
RGAR = 374 kΩ;
RL =33 Ω; VBB = 9.0 V;
note 1
7.5
V
SWRA
switching range
40
dB
∆SWRA
switching range adjustment with RSWR
referenced to RSWR = 365 kΩ
−40
+12
dB
Tamb
operating ambient temperature
−25
+75
°C


Similar Part No. - TEA1094

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1095 PHILIPS-TEA1095 Datasheet
184Kb / 28P
   Voice switched speakerphone IC
1997 Nov 25
TEA1095T PHILIPS-TEA1095T Datasheet
184Kb / 28P
   Voice switched speakerphone IC
1997 Nov 25
TEA1095TS PHILIPS-TEA1095TS Datasheet
184Kb / 28P
   Voice switched speakerphone IC
1997 Nov 25
More results

Similar Description - TEA1094

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
logo
Panasonic Semiconductor
AN6426NK PANASONIC-AN6426NK Datasheet
127Kb / 9P
   Hands-free Speech Network IC
AN6175K PANASONIC-AN6175K Datasheet
210Kb / 21P
   Hands-free Speech Network IC
logo
ATMEL Corporation
U4082B ATMEL-U4082B Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
logo
SHENZHEN FUMAN ELECTRON...
TC34018 FUMAN-TC34018 Datasheet
1Mb / 6P
   Hands-free calling integrated circuit
logo
Zarlink Semiconductor I...
ZL38001 ZARLINK-ZL38001_06 Datasheet
543Kb / 49P
   AEC for Analog Hands-Free Communication
logo
Panasonic Semiconductor
BF-AF10B-KA PANASONIC-BF-AF10B-KA Datasheet
0Kb / 2P
   A hands-free, weatherproof solution
logo
Asahi Kasei Microsystem...
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
logo
Zarlink Semiconductor I...
ZL38002 ZARLINK-ZL38002_07 Datasheet
578Kb / 51P
   Digital Echo Canceller for Hands Free Communication
logo
Asahi Kasei Microsystem...
AK7750 AKM-AK7750 Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com