Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N32T1630C1C Datasheet(PDF) 3 Page - NanoAmp Solutions, Inc.

Part # N32T1630C1C
Description  32Mb Ultra-Low Power Asynchronous CMOS Pseudo SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N32T1630C1C Datasheet(HTML) 3 Page - NanoAmp Solutions, Inc.

  N32T1630C1C Datasheet HTML 1Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 2Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 3Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 4Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 5Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 6Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 7Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 8Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
(DOC# 14-02-005 Rev C ECN 01-0918)
3
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N32T1630C1C
Absolute Maximum Ratings1
1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operating section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.2 to VCCQ+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.2 to 4.0
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–55 to 125
oC
Operating Temperature
TA
-25 to +85
oC
Soldering Temperature and Time
TSOLDER
240oC, 10sec(Lead Only)
oC
Operating Characteristics (Over Specified Temperature Range)
Item
Symbol
Test Conditions
Min.
Typ1
1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and not 100% tested.
Max
Unit
Supply Voltage
VCC
2.7
3.0
3.6
V
Supply Voltage for I/O
VCCQ
VCC = VCCQ (Note 4)
2.7
3.0
3.6
V
Input High Voltage
VIH
0.8VCCQ
VCCQ+0.2
V
Input Low Voltage
VIL
–0.2
0.4
V
Output High Voltage
VOH
IOH = 0.2mA
0.8VccQ
V
Output Low Voltage
VOL
IOL = -0.2mA
0.2
V
Input Leakage Current
ILI
VIN = 0 to VCC
0.5
µA
Output Leakage Current
ILO
OE = VIH or Chip Disabled
0.5
µA
Read/Write Operating Supply
Current @ 1
µs Cycle Time2
2. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to
drive output capacitance expected in the actual system.
ICC1
VCC= 3.3V, VIN=CMOS levels-
Chip Enabled, IOUT = 0
3.0
mA
Read/Write Operating Supply
Current @ 70 ns Cycle Time2
ICC2
VCC= 3.3V, VIN=CMOS levels
Chip Enabled, IOUT = 0
25.0
mA
Maximum Standby Current3
3. This device assumes a standby mode if the chip is disabled (either CE high or both UB and LB high). In order to achieve low
standby current all inputs must be within 0.2V of either VCC or VSS
4. During testing, Vcc = VccQ.
ISB1
VCC= 3.3V, VIN=CMOS levels
Chip Disabled
80
135.0
µA


Similar Part No. - N32T1630C1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N32T1630C1E ETC-N32T1630C1E Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
N32T1630C1EZ ETC-N32T1630C1EZ Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
N32T1630C1EZ-60I ETC-N32T1630C1EZ-60I Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
N32T1630C1EZ-70I ETC-N32T1630C1EZ-70I Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
More results

Similar Description - N32T1630C1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N32T1630C1E ETC-N32T1630C1E Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
logo
ON Semiconductor
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N16T1630C2B NANOAMP-N16T1630C2B Datasheet
245Kb / 9P
   16Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L1618N1A NANOAMP-N01L1618N1A Datasheet
222Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com