Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N32T1630C1CZ-70I Datasheet(PDF) 10 Page - NanoAmp Solutions, Inc.

Part # N32T1630C1CZ-70I
Description  32Mb Ultra-Low Power Asynchronous CMOS Pseudo SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N32T1630C1CZ-70I Datasheet(HTML) 10 Page - NanoAmp Solutions, Inc.

Back Button N32T1630C1CZ-70I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N32T1630C1CZ-70I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N32T1630C1CZ-70I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N32T1630C1CZ-70I Datasheet HTML 9Page - NanoAmp Solutions, Inc. N32T1630C1CZ-70I Datasheet HTML 10Page - NanoAmp Solutions, Inc. N32T1630C1CZ-70I Datasheet HTML 11Page - NanoAmp Solutions, Inc. N32T1630C1CZ-70I Datasheet HTML 12Page - NanoAmp Solutions, Inc. N32T1630C1CZ-70I Datasheet HTML 13Page - NanoAmp Solutions, Inc. N32T1630C1CZ-70I Datasheet HTML 14Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
(DOC# 14-02-005 Rev C ECN 01-0918)
10
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N32T1630C1C
Power Savings Modes
The N32T1630C1C has several power savings modes and the three modes are:
Reduced Memory Size
Partial Array Refresh
Deep Sleep Mode
The operation of the power saving modes is controlled by setting the Variable Address Register (VAR).
This VAR is shown in Figure 8 and is used to enable/disable the various low power modes.
The VAR is set by using the timings defined in figure 9. The register must be set in less then 1us after ZZ is
enabled low.
1) Reduced Memory Size (RMS)
In this mode of operation, the 32Mb PSRAM can be operated as a 8Mb or 16Mb device. The mode and
array size are determined by the settings in the VA register. The VA register is set according to the timings
of Figure 9 and the bit setting of Table 12. The RMS mode is enabled at the time of ZZ transitioning high
and the mode remains active until the register is updated. To return to the full 32Mb address space, the VA
register must be reset using the previously defined procedures.
2) Partial Array Refresh (PAR)
In this mode of operation, the internal refresh operation can be restricted to a 8Mb or 16Mb portion of the
array. The mode and array partition to be refreshed are determined by the settings in the VAR register. The
VAR register is set according to the timings of Figure 9 and the bit settings of Table 11. In this mode, when
ZZ is taken low, only the portion of the array that is set in the register is refreshed. The operating mode is
only available during standby time and once ZZ is returned high, the device resumes full array refresh. All
future PAR cycles will use the contents of the VA register. To change the address space of the PAR mode,
the VA register must be reset using the previously defined procedures.
There are two different device versions that have different default settings for the PAR mode.
In the first version, the default state for the ZZ enable/disable register will be ZZ enabled where ZZ low will
initiate a deep sleep mode after 1us. This device is referred to as Deep Sleep Active, or DSA device. In the
second version, the default state for the ZZ register will be such that ZZ low will put the device into PAR
mode after 1us and never initiate a deep sleep mode unless appropriate register is updated. This device is
referred to as Deep Sleep Inactive, or DSI device. In either device, once the SRAM enters Deep Sleep
Mode, the VAR contents are destroyed and the default register settings are reset.
3) Deep Sleep Mode
In this mode of operation, the internal refresh is turned off and all data integrity of the array is lost. Deep
Sleep is entered by bringing ZZ low. After 1 us, if the VAR register corresponding to A4 is not set to Deep
Sleep Disabled, the device will enter Deep Sleep Mode. The device will remain in this mode as long as ZZ
remains low.


Similar Part No. - N32T1630C1CZ-70I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N32T1630C1E ETC-N32T1630C1E Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
N32T1630C1EZ ETC-N32T1630C1EZ Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
N32T1630C1EZ-60I ETC-N32T1630C1EZ-60I Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
N32T1630C1EZ-70I ETC-N32T1630C1EZ-70I Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
More results

Similar Description - N32T1630C1CZ-70I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N32T1630C1E ETC-N32T1630C1E Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
logo
ON Semiconductor
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N16T1630C2B NANOAMP-N16T1630C2B Datasheet
245Kb / 9P
   16Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L1618N1A NANOAMP-N01L1618N1A Datasheet
222Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com