Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1588MTR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1588MTR2G
Description  Low Voltage Synchronous Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1588MTR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1588MTR2G Datasheet HTML 2Page - ON Semiconductor NCP1588MTR2G Datasheet HTML 3Page - ON Semiconductor NCP1588MTR2G Datasheet HTML 4Page - ON Semiconductor NCP1588MTR2G Datasheet HTML 5Page - ON Semiconductor NCP1588MTR2G Datasheet HTML 6Page - ON Semiconductor NCP1588MTR2G Datasheet HTML 7Page - ON Semiconductor NCP1588MTR2G Datasheet HTML 8Page - ON Semiconductor NCP1588MTR2G Datasheet HTML 9Page - ON Semiconductor NCP1588MTR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCP1588
http://onsemi.com
9
b.. Output Filter Double Pole Frequency
F
lc + 2.653 kHz
F
lc :+
1
2
@ p @ L
OUT @ COUT
c.. ESR Zero Frequency:
F
ESR + 7.368 kHz
F
ESR :+
1
2
@ p @ C
OUT @ CESR
Step 1: Set a value for R1 between 2 k
W and 5 kW
R1 :
+ 4.12 kW
Step 2: Pick compensation DC gain (R2/R1) for desired
close loop bandwidth.
V
RAMP :+ 1.1 V
R2 :
+ R1 @
V
RAMP
V
IN
@
Fcross_over
F
lc
R2
+ 17.085 kW
Step 3: Place 1st zero at half the output filter double pole
frequency.
C2 :
+
2
@ L
OUT @ COUT
R2
C2
+ 7.024
10-3
mF
Step 4: Place 1st pole at ESR zero frequency.
C1 :
+
C2
C2
@ R2 @ 2 @ p @ F
ESR * 1
C1
+ 1.542
10-3
mF
Step 5: Place 2nd zero at the output filter double pole
frequency.
R3 :
+
R1
F
SW
2
@F
lc
* 1
R3
+ 74.169 W
Step 6: Place 2nd pole at half the switching frequency.
C3 :
+
1
p @ R3 @ F
SW
C3
+ 0.014 mF
Step 7: R4 is sized to maintain the feedback voltage to
VREF = 0.8 V.
R4 :
+
V
REF @ R1
V
OUT * VREF
R4
+ 3.878 kW
The Component values for Type III Compensation are:
R1 = 4.12 k
W
R2 = 17.085 k
W
R3 = 74.169
W
R4 = 3.878 k
W
C1 = 0.0015
mF
C2 = 0.007
mF
C3 = 0.014
mF
NOTE:
Recommend to change values to industry
standard component values.


Similar Part No. - NCP1588MTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1588MTR2G ONSEMI-NCP1588MTR2G Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
More results

Similar Description - NCP1588MTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com