Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3065PG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3065PG
Description  Up to 1.5 A Constant Current Switching Regulator for LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3065PG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3065PG Datasheet HTML 1Page - ON Semiconductor NCP3065PG Datasheet HTML 2Page - ON Semiconductor NCP3065PG Datasheet HTML 3Page - ON Semiconductor NCP3065PG Datasheet HTML 4Page - ON Semiconductor NCP3065PG Datasheet HTML 5Page - ON Semiconductor NCP3065PG Datasheet HTML 6Page - ON Semiconductor NCP3065PG Datasheet HTML 7Page - ON Semiconductor NCP3065PG Datasheet HTML 8Page - ON Semiconductor NCP3065PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP3065, NCV3065
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TJ = -40°C to +125°C, unless otherwise specified)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency
(VPin 5 = 0 V, CT = 2.2 nF,
TJ = 25°C)
fOSC
110
150
190
kHz
Discharge to Charge Current Ratio
(Pin 7 to VCC, TJ = 25°C)
IDISCHG /
ICHG
5.5
6.0
6.5
-
Capacitor Discharging Current
(Pin 7 to VCC, TJ = 25°C)
IDISCHG
1650
mA
Capacitor Charging Current
(Pin 7 to VCC, TJ = 25°C)
ICHG
275
mA
Current Limit Sense Voltage
(TJ = 25°C) (Note 7)
VIPK(Sense)
165
185
235
mV
OUTPUT SWITCH (Note 6)
Darlington Switch Collector to
Emitter Voltage Drop
(ISW = 1.0 A,
TJ = 25°C) (Note 6)
VSWCE(DROP)
1.0
1.3
V
Collector Off-State Current
(VCE = 40 V)
IC(OFF)
0.01
100
mA
COMPARATOR
Threshold Voltage
TJ = 25°C
VTH
235
mV
TJ = 0 to +85°C
±5
%
TJ = -40°C to +125°C
VTH
-10
+10
%
Threshold Voltage Line Regulation
(VCC = 3.0 V to 40 V)
REGLiNE
-6.0
6.0
mV
Input Bias Current
(Vin = Vth)
ICII in
-1000
-100
1000
nA
TOTAL DEVICE
Supply Current
(VCC = 5.0 V to 40 V,
CT = 2.2 nF, Pin 7 = VCC,
VPin 5 > Vth, Pin 2 = GND,
remaining pins open)
ICC
7.0
mA
Thermal Shutdown Threshold
160
°C
Hysteresis
10
°C
6. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.
7. The
VIPK(Sense) Current Limit Sense Voltage is specified at static conditions. In dynamic operation the sensed current turn-off value depends
on comparator response time and di/dt current slope. See the Operating Description section for details.
8. NCV prefix is for automotive and other applications requiring site and change control.


Similar Part No. - NCP3065PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCP3063B ONSEMI-NCP3063B Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCP3063BDR2G ONSEMI-NCP3063BDR2G Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCP3063BDR2G ONSEMI-NCP3063BDR2G Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCP3063BMNTXG ONSEMI-NCP3063BMNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
More results

Similar Description - NCP3065PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3066 ONSEMI-NCP3066 Datasheet
1Mb / 20P
   Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
January, 2009 ??Rev. 3
logo
STMicroelectronics
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
   Up to 1.5 A step-down switching regulator for aerospace applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
   Up to 1.5 A step-down switching regulator for aerospace applications
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com