Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQM2201DNS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RQM2201DNS
Description  Silicon N Channel MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQM2201DNS Datasheet(HTML) 7 Page - Renesas Technology Corp

  RQM2201DNS Datasheet HTML 1Page - Renesas Technology Corp RQM2201DNS Datasheet HTML 2Page - Renesas Technology Corp RQM2201DNS Datasheet HTML 3Page - Renesas Technology Corp RQM2201DNS Datasheet HTML 4Page - Renesas Technology Corp RQM2201DNS Datasheet HTML 5Page - Renesas Technology Corp RQM2201DNS Datasheet HTML 6Page - Renesas Technology Corp RQM2201DNS Datasheet HTML 7Page - Renesas Technology Corp RQM2201DNS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RQM2201DNS
REJ03G1492-0200 Rev.2.00 Apr 16, 2007
Page 7 of 7
Package Dimensions
0.70
0
0.70
0.20
0.40
1.15
0.20
3.00
3.00
0.80
1.60
0.80
0.05
0.75
0.35
1.10
0.45
1.20
2.90
2.90
3.10
3.10
0.55
1.75
0.75
1.95
0.05
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
A
A1
A2
b
b1
b2
c
D
E
e
e1
Lp1
Lp2
y
c
b
D
e
A
E
A1
A2
Lp1
S
Lp2
b2
A
b1
e /2
e1
e1 /2
B
Seating plane
y S
P-HWSON6-3x3-0.80
PWSN0006ZA-A
0.022 g
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
Package Name
HWSON-6
Ordering Information
Part No.
Quantity
Shipping Container
RQM2201DNSTL-E
2000 pcs.
φ178 mm reel, 8 mm Emboss taping
RQM2201DNSTR-E
2000 pcs.
φ178 mm reel, 8 mm Emboss taping


Similar Part No. - RQM2201DNS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS_15 Datasheet
140Kb / 10P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - RQM2201DNS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com