Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1097 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA1097
Description  Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1097 Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA1097 Datasheet HTML 1Page - NXP Semiconductors TEA1097 Datasheet HTML 2Page - NXP Semiconductors TEA1097 Datasheet HTML 3Page - NXP Semiconductors TEA1097 Datasheet HTML 4Page - NXP Semiconductors TEA1097 Datasheet HTML 5Page - NXP Semiconductors TEA1097 Datasheet HTML 6Page - NXP Semiconductors TEA1097 Datasheet HTML 7Page - NXP Semiconductors TEA1097 Datasheet HTML 8Page - NXP Semiconductors TEA1097 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1999 Apr 08
2
Philips Semiconductors
Product specification
Speech and loudspeaker amplifier IC with
auxiliary inputs/outputs and analog multiplexer
TEA1097
FEATURES
Line interface
• Low DC line voltage
• Voltage regulator with adjustable DC voltage
• Symmetrical high-impedance inputs (70 kΩ) for
dynamic, magnetic or electric microphones
• Dual Tone Multi-Frequency (DTMF) input with
confidence tone on earphone and/or loudspeaker
• Receive amplifier for dynamic, magnetic or
piezo-electric earpieces (with externally adjustable gain)
• Automatic Gain Control (AGC) for true line loss
compensation.
Supplies
• Provides a strong 3.35 V regulated supply for
microcontroller or dialler
• Provides filtered power supply, optimized according to
line current and compatible with external voltage or
current sources
• Filtered 2 V power supply output for electret microphone
• Compatible with a ringer mode
• Power-Down (PD) logic input for power-down.
Loudspeaker amplifier
• Single-ended rail-to-rail output
• Externally adjustable gain
• Dynamic limiter to prevent distortion
• Logarithmic volume control via linear potentiometer.
Auxiliary interfaces
• Asymmetrical high-impedance input for electret
microphone.
• General purpose auxiliary output for transmit and
receive
• Auxiliary transmit input with high signal level capability
dedicated to line transmission
• Auxiliary receive input with high signal level capability
• Integrated multiplexer for channels selection.
APPLICATIONS
• Telephone answering machines
• Telephones with digital handsfree
• Line powered telephone sets
• Cordless telephones
• Fax machines.
GENERAL DESCRIPTION
The TEA1097 is an analog bipolar circuit dedicated for
telephone applications. It includes a line interface, handset
microphone and earpiece amplifiers, base microphone
and loudspeaker amplifiers, some specific auxiliary
Inputs/Outputs (I/Os) and an analog multiplexer to enable
the right transmit and/or receive channels. The multiplexer
is controlled by a logic circuitry decoding four logic inputs
provided by a microcontroller. Twelve different application
modes have been defined and can be accessed by
selecting the right logic inputs.
This IC can be supplied by the line and/or by the mains if
available (in a cordless telephone or a telephone
answering machine for example). It provides a 3.35 V
supply for a microcontroller or dialler and a 2 V filtered
voltage supply for electret microphones. The IC is
designed to facilitate the use of the loudspeaker amplifier
during ringing phase.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA1097TV
VSO40
plastic very small outline package; 40 leads
SOT158-1
TEA1097H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2


Similar Part No. - TEA1097

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Similar Description - TEA1097

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
   Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
   Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
DG1208EVKIT MAXIM-DG1208EVKIT Datasheet
1Mb / 12P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 11/20
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
Schneider Electric
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com